Electronic Components Datasheet Search
  English  ▼

X  

DS1651 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1651
Description  Quad High Speed MOS Sense Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1651 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS1651 Datasheet HTML 1Page - National Semiconductor (TI) DS1651 Datasheet HTML 2Page - National Semiconductor (TI) DS1651 Datasheet HTML 3Page - National Semiconductor (TI) DS1651 Datasheet HTML 4Page - National Semiconductor (TI) DS1651 Datasheet HTML 5Page - National Semiconductor (TI) DS1651 Datasheet HTML 6Page - National Semiconductor (TI) DS1651 Datasheet HTML 7Page - National Semiconductor (TI) DS1651 Datasheet HTML 8Page - National Semiconductor (TI) DS1651 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltages
V
CC
V
EE
+7 V
DC
−7 V
DC
Differential-Mode Input Signal Voltage
Range, V
IDR
±6V
DC
Common-Mode Input Voltage Range,
V
ICR
±5V
DC
Strobe Input Voltage, V
I(S)
5.5 V
DC
Strobe Temperature Range
−65˚C to +150˚C
Maximum Power Dissipation (Note 1) at 25˚C
Cavity Package
Molded Package
1509 mW
1476 mW
Lead Temp. (Soldering, 10 seconds)
300˚C
Operating Conditions
Min
Max
Unit
Supply Voltage (V
CC)
DS1651
DS3651
4.5
4.75
5.5
5.25
V
V
Supply Voltage (V
EE)
DS1651
DS3651
−4.5
−4.75
−5.5
−5.25
V
V
Operating Temperature (T
A)
DS1651
DS3651
−55
0
+125
+70
˚C
˚C
Output Load Current, (I
OL)16
mA
Differential Mode Input
Voltage Range, (V
IDR)
−5.0
+5.0
V
Common-Mode Input
Voltage Range, (V
ICR)
−3.0
+3.0
V
Input Voltage Range
(Any Input to GND), (V
IR)
−5.0
+3.0
V
Electrical Characteristics
V
CC = 5VDC,VEE = −5 VDC, Min ≤ TA ≤ Max, unless otherwise noted (Notes 3, 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
IS
Input Sensitivity (Note 6)
(Common-Mode Voltage
Range)
V
ICR = −3V ≤ VIN ≤ +3V
Min
≤ V
CC ≤ Max
Min
≥ V
EE ≥ Max
±7.0
mV
V
IO
Input Offset Voltage
2mV
I
IB
Input Bias Current
V
CC = Max, VEE = Max
20
µA
I
IO
Input Offset Current
0.5
µA
V
IL(S)
Strobe Input Voltage
(Low State)
0.8
V
V
IH(S)
Strobe Input Voltage
(High State)
2V
I
IL(S)
Strobe Current (Low State)
V
CC = Max, VEE = Max, VIN = 0.4V
−1.6
mA
I
IL(S)
Strobe Current (High State)
V
CC = Max,
V
EE = Max
V
IN = 2.4V
DS3651
40
µA
V
IN =VCC
1mA
V
IN = 2.4V
DS1651
100
µA
V
IN =VCC
1mA
V
OH
Output Voltage (High States)
V
CC = Min,
V
EE = Min
I
O = −400 µA
DS1651/DS3651
2.4
V
V
OL
Output Voltage (Low State)
V
CC = Min,
V
EE = Min
I
O = 16 mA
DS3651
0.45
V
DS1651
0.50
I
OS
Output Current Short Circuit
V
CC = Max, VEE = Max, (Note 5)
DS1651/DS3651
−18
−70
mA
I
OFF
Output Disable Leakage
Current
V
CC = Max, VEE = Max
DS3651
40
µA
DS1651
100
µA
I
CC
High Logic Level Supply
Current
V
CC = Max, VEE = Max
45
60
mA
I
EE
High Logic Level Supply
Current
V
CC = Max, VEE = Max
−17
−30
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com