Electronic Components Datasheet Search
  English  ▼

X  

DS1651 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1651
Description  Quad High Speed MOS Sense Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1651 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS1651 Datasheet HTML 1Page - National Semiconductor (TI) DS1651 Datasheet HTML 2Page - National Semiconductor (TI) DS1651 Datasheet HTML 3Page - National Semiconductor (TI) DS1651 Datasheet HTML 4Page - National Semiconductor (TI) DS1651 Datasheet HTML 5Page - National Semiconductor (TI) DS1651 Datasheet HTML 6Page - National Semiconductor (TI) DS1651 Datasheet HTML 7Page - National Semiconductor (TI) DS1651 Datasheet HTML 8Page - National Semiconductor (TI) DS1651 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Test Circuits
t
PLO(S)
DS007528-4
t
PHO(S)
DS007528-5
t
POL(S)
DS007528-6
t
POH(S)
DS007528-7
FIGURE 1. Strobe Propagation Delay t
PLO(S),tPOL(S),tPHL(S) and tPOH(S)
DS007528-8
Note: Output of channel B shown under test, other channels are tested similarly.
S1 at “B” for DS1651/DS3651, CL = 50 pF total for DS1651/DS3651.
DS007528-9
EIN waveform characteristics:
tTLH and tTHL ≤ 10 ns measured 10% to 90%
PRR = 1 MHz, duty cycle = 500 ns
FIGURE 2. Differential Input Propagation Delay t
PLH(D) and tPHL(D)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com