Electronic Components Datasheet Search
  English  ▼

X  

LME49600 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LME49600
Description  High-Performance, High-Fidelity, High-Current Headphone Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49600 Datasheet(HTML) 2 Page - Texas Instruments

  LME49600 Datasheet HTML 1Page - Texas Instruments LME49600 Datasheet HTML 2Page - Texas Instruments LME49600 Datasheet HTML 3Page - Texas Instruments LME49600 Datasheet HTML 4Page - Texas Instruments LME49600 Datasheet HTML 5Page - Texas Instruments LME49600 Datasheet HTML 6Page - Texas Instruments LME49600 Datasheet HTML 7Page - Texas Instruments LME49600 Datasheet HTML 8Page - Texas Instruments LME49600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AV = 1
1
2
3
4
5
VIN
BW
VEE
VCC
VOUT
TAB (VEE)
Q2
Q1
200:
Q3
Q4
Q5
Q6
OUT
VCC
VEE
Thermal
Shutdown
IN
BW
D1 - D7
D8 - D14
I1
I2
I
LME49600
SNAS422E – JANUARY 2008 – REVISED APRIL 2013
www.ti.com
Functional Block Diagram
Figure 2. Simplified Circuit Diagram (Note: I1 and I2 are mirrored from I)
Connection Diagram
The KTT package is non-isolated package. The package's metal back and any heat sink to which it is mounted are
connected to the same potential as the -VEE pin.
Figure 3. KTT Package (Top View)
See Package Number KTT0005B
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LME49600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com