Electronic Components Datasheet Search
  English  ▼

X  

LME49600 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LME49600
Description  High-Performance, High-Fidelity, High-Current Headphone Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49600 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LME49600 Datasheet HTML 9Page - Texas Instruments LME49600 Datasheet HTML 10Page - Texas Instruments LME49600 Datasheet HTML 11Page - Texas Instruments LME49600 Datasheet HTML 12Page - Texas Instruments LME49600 Datasheet HTML 13Page - Texas Instruments LME49600 Datasheet HTML 14Page - Texas Instruments LME49600 Datasheet HTML 15Page - Texas Instruments LME49600 Datasheet HTML 16Page - Texas Instruments LME49600 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LME49600
www.ti.com
SNAS422E – JANUARY 2008 – REVISED APRIL 2013
Unity gain stability is preserved when the LME49600 is placed in the feedback loop of most general-purpose or
precision op amps. When the LME46900 is driving high value capacitive loads, the BW pin should be connected
to the VEE pin for wide bandwidth and stable operation. The wide bandwidth mode is also suggested for high
speed or fast-settling operational amplifiers. This preserves their stability and the ability to faithfully amplify high
frequency, fast-changing signals. Stability is ensured when pulsed signals exhibit no oscillations and ringing is
minimized while driving the intended load and operating in the worst-case conditions that perturb the
LME49600’s phase response.
HIGH FREQUENCY APPLICATIONS
The LME49600’s wide bandwidth and very high slew rate make it ideal for a variety of high-frequency open-loop
applications such as an ADC input driver, 75
Ω stepped volume attenuator driver, and other low impedance loads.
Circuit board layout and bypassing techniques affect high frequency, fast signal dynamic performance when the
LME49600 operates open-loop.
A ground plane type circuit board layout is best for very high frequency performance results. Bypass the power
supply pins (VCC and VEE) with 0.1μF ceramic chip capacitors in parallel with solid tantalum 10μF capacitors
placed as close as possible to the respective pins.
Source resistance can affect high-frequency peaking and step response overshoot and ringing. Depending on
the signal source, source impedance and layout, best nominal response may require an additional resistance of
25
Ω to 200Ω in series with the input. Response with some loads (especially capacitive) can be improved with an
output series resistor in the range of 10
Ω to 150Ω.
THERMAL MANAGEMENT
Heatsinking
For some applications, the LME49600 may require a heat sink. The use of a heat sink is dependent on the
maximum LME49600 power dissipation and a given application’s maximum ambient temperature. In the TO-263
package, heat sinking the LME49600 is easily accomplished by soldering the package’s tab to a copper plane on
the PCB. (Note: The tab on the LME49600’s TO-263 package is electrically connected to VEE.)
Through the mechanisms of convection, heat conducts from the LME49600 in all directions. A large percentage
moves to the surrounding air, some is absorbed by the circuit board material and some is absorbed by the
copper traces connected to the package’s pins. From the PCB material and the copper, it then moves to the air.
Natural convection depends on the amount of surface area that contacts the air.
If a heat conductive copper plane has perfect thermal conduction (heat spreading) through the plane’s total area,
the temperature rise is inversely proportional to the total exposed area. PCB copper planes are, in that sense, an
aid to convection. These planes, however, are not thick enough to ensure perfect heat conduction. Therefore,
eventually a point of diminishing returns is reached where increasing copper area offers no additional heat
conduction to the surrounding air. This is apparent in Figure 30 as the thermal resistance reaches an asymptote
above a copper area of 8in2). As can be seen, increasing the copper area produces decreasing improvements in
thermal resistance. This occurs, roughly, at 4in2 of 1 oz copper board. Some improvement continues until about
16in2. Boards using 2 oz copper boards will have decrease thermal resistance providing a better heat sink
compared to 1 oz. copper. Beyond 1oz or 2oz copper plane areas, external heat sinks are required. Ultimately,
the 1oz copper area attains a nominal value of 20°C/W junction to ambient thermal resistance (
θJA) under zero
air flow.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LME49600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com