Electronic Components Datasheet Search
  English  ▼

X  

LMF100CIWM Datasheet(PDF) 17 Page - Texas Instruments

Part # LMF100CIWM
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWM Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMF100CIWM Datasheet HTML 13Page - Texas Instruments LMF100CIWM Datasheet HTML 14Page - Texas Instruments LMF100CIWM Datasheet HTML 15Page - Texas Instruments LMF100CIWM Datasheet HTML 16Page - Texas Instruments LMF100CIWM Datasheet HTML 17Page - Texas Instruments LMF100CIWM Datasheet HTML 18Page - Texas Instruments LMF100CIWM Datasheet HTML 19Page - Texas Instruments LMF100CIWM Datasheet HTML 20Page - Texas Instruments LMF100CIWM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
1
OBP
Circuit dynamics : H
Q
=
2
OBP
H
1 (noninverting)
=
1
OBP
R3
H
R2
= -
OLP
OLP(peak)
OLP
H
1; H
Q H
(for high Q ' s)
= -
@
´
CLK
CLK
0
f
f
f
or
100
50
=
OLP(peak)
OLP
H
Q H
(for high Q ' s)
@
´
OBP
OLP
OBP
OLP
ON
H
H
or H
H
Q
H
Q
Q
=
=
´
=
´
1
OBP
Circuit dynamics : H
Q
=
BW
the
3 dB bandwidth of the bandpass output.
=
-
0
f
R3
Q
quality factor of the complex pole pair
BW
R2
=
=
=
ON
H
Notch output gain as
=
f
0
®
CLK
f
f
/ 2
®
2
1
R
R
-
=
OBP
R3
H
Bandpass gain (at f
0)
R1
=
®
= -
OLP
R2
H
Lowpass gain (as f
0)
R1
=
®
= -
notch
0
f
center frequency of the imaginary zero pair
f
=
=
CLK
CLK
0
f
f
f
center frequency of the complex pole pair
or
100
50
=
=
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
Device Functional Modes (continued)
8.4.1.1 MODE 1: Notch 1, Bandpass, Lowpass Outputs:
fnotch = f0 (See Figure 40)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
8.4.1.2 MODE 1a: Noninverting BP, LP (See Figure 41)
(11)
(12)
(13)
(14)
(15)
(16)
Note: VIN should be driven from a low-impedance (<1 k
Ω) source.
Figure 40. MODE 1
Figure 41. MODE 1a
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com