Electronic Components Datasheet Search
  English  ▼

X  

LMF100CIWM Datasheet(PDF) 5 Page - Texas Instruments

Part # LMF100CIWM
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWM Datasheet(HTML) 5 Page - Texas Instruments

  LMF100CIWM Datasheet HTML 1Page - Texas Instruments LMF100CIWM Datasheet HTML 2Page - Texas Instruments LMF100CIWM Datasheet HTML 3Page - Texas Instruments LMF100CIWM Datasheet HTML 4Page - Texas Instruments LMF100CIWM Datasheet HTML 5Page - Texas Instruments LMF100CIWM Datasheet HTML 6Page - Texas Instruments LMF100CIWM Datasheet HTML 7Page - Texas Instruments LMF100CIWM Datasheet HTML 8Page - Texas Instruments LMF100CIWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Q
Q
D
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
6.4 Thermal Information
LMF100
THERMAL METRIC(1)
DW (SOIC)
N (PDIP)
UNIT
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
63.8
49.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
27.2
41.1
°C/W
RθJB
Junction-to-board thermal resistance
31.8
30.4
°C/W
ψJT
Junction-to-top characterization parameter
5.7
18.3
°C/W
ψJB
Junction-to-board characterization parameter
31.3
30.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics for V
+ = +5 V and V− = −5 V
The following specifications apply for Mode 1, Q = 10 (R1 = R3 = 100 k, R2 = 10 k), V
+ = +5 V and V− = −5 V unless otherwise
specified. All limits are TA = TJ = 25°C unless otherwise specified.
LMF100CCN
LMF100CIWM
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
9
9
13
Tested
fCLK = 250 kHz,
Is
Maximum supply current
Limit
(1)
mA
TMIN to TMAX
13
No Input Signal
Design
TMIN to TMAX
13
Limit
(2)
10000
f0
Center frequency
0.1
0.1
100000
Hz
0
35000
fCLK
Clock frequency
5
5
3500000
Hz
00
±0.2%
±0.2%
±0.8%
Tested
fCLK/f
Clock to center frequency ratio
VPin12 = 5 V or 0
Limit
(1)
TMIN to TMAX
±0.8%
0
deviation
V, fCLK = 1 MHz
Design
TMIN to TMAX
±0.8%
Limit
(2)
±0.5%
±0.5%
Q = 10, Mode 1,
±5%
Tested
VPin12 = 5 V or 0
Q Error (MAX)
(3)
Limit
(1)
TMIN to TMAX
±6%
V,
fCLK = 1 MHz
Design
TMIN to TMAX
±6%
Limit
(2)
0
0
±0.4
Tested
HOBP
Bandpass gain at f0
fCLK = 1 MHz
Limit
(1)
dB
TMIN to TMAX
±0.4
Design
TMIN to TMAX
±0.4
Limit
(2)
0
0
±0.2
Tested
R1 = R2 = 10 k,
HOLP
DC Lowpass gain
Limit
(1)
dB
TMIN to TMAX
±0.2
fCLK = 250 kHz
Design
TMIN to TMAX
±0.2
Limit
(2)
±5
±5
±15
Tested
VOS1
DC Offset voltage
(4)
fCLK = 250 kHz
Limit
(1)
mV
TMIN to TMAX
±15
Design
TMIN to TMAX
±15
Limit
(2)
(1)
Tested limits are specified to Texas Instruments AOQL (Average Outgoing Quality Level).
(2)
Design limits are specified to Texas Instruments AOQL (Average Outgoing Quality Level) but are not 100% tested.
(3)
The accuracy of the Q value is a function of the center frequency (f0). This is illustrated in the curves under the heading Typical
Characteristics.
(4)
Vos1, Vos2, and Vos3 refer to the internal offsets as discussed in Application Information.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com