Electronic Components Datasheet Search
  English  ▼

X  

LMH0366 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0366
Description  3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0366 Datasheet(HTML) 3 Page - Texas Instruments

  LMH0366 Datasheet HTML 1Page - Texas Instruments LMH0366 Datasheet HTML 2Page - Texas Instruments LMH0366 Datasheet HTML 3Page - Texas Instruments LMH0366 Datasheet HTML 4Page - Texas Instruments LMH0366 Datasheet HTML 5Page - Texas Instruments LMH0366 Datasheet HTML 6Page - Texas Instruments LMH0366 Datasheet HTML 7Page - Texas Instruments LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
4
3
2
LMH0366
(top view)
18
15
16
17
10
7
8
9
21
24
23
22
5
6
12
11
13
14
19
20
DAP = VEE
SDI
SDI
MOSI
SCK
GPIO1
ENABLE
SDO1
SDO1
SDO0
SDO0
VCC
SD/HD
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
The exposed die attach pad is the primary negative electrical terminal for this device. It must be connected to the
negative power supply voltage.
Figure 2. SPI Mode / SPI_EN = VCC
24-Pin
See Package Number RTW0024A
PIN DESCRIPTIONS – PIN MODE (NON-SPI) / SPI_EN = GND
Pin
Name
I/O, Type
Description
1, 24
RATE1, RATE0
I, LVCMOS
Data rate select inputs. RATE0 and RATE1 each has an internal pulldown.
2, 3
SDI, SDI
I, SDI
Serial data differential input.
4
ENABLE
I, LVCMOS
Device enable. This pin has an internal pullup.
H = Device enabled (normal operation).
L = Device powered down.
5
BYPASS
I, LVCMOS
Reclocker bypass. This pin has an internal pulldown.
H = Reclocking bypassed.
L = Normal operation.
6
MUTE
I, LVCMOS
Output mute. This pin has an internal pullup.
H = Normal operation.
L = SDO0 and SDO1 outputs are muted.
7
SPI_EN
I, LVCMOS
SPI register access enable. This pin has an internal pulldown.
H = SPI register access mode.
L = Pin mode.
8
XTAL_IN
I, ANALOG
External crystal or clock input for optional 27 MHz external reference. When not used
(i.e. referenceless mode), connect to ground.
10
XTAL_OUT
O, ANALOG
External crystal or clock output.
11
LOCK_DETECT O, LVCMOS
PLL lock detect status.
H = PLL locked.
L = PLL not locked.
13, 14
SDO1, SDO1
O, LVDS
Serial data differential output 1.
16, 17
SDO0, SDO0
O, LVDS
Serial data differential output 0.
18
SD/HD
O, LVCMOS
Data rate range indication.
H = Locked data rate is SD.
L = Locked data rate is 3G or HD (or PLL unlocked).
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com