Electronic Components Datasheet Search
  English  ▼

X  

DS16F95 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS16F95 Datasheet HTML 1Page - National Semiconductor (TI) DS16F95 Datasheet HTML 2Page - National Semiconductor (TI) DS16F95 Datasheet HTML 3Page - National Semiconductor (TI) DS16F95 Datasheet HTML 4Page - National Semiconductor (TI) DS16F95 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Driver Electrical Characteristics (Notes 3, 4) (Continued)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC
Supply Current
No Load,
DE = 2V, RE = 0.8V
28
mA
(Total Package)
All Inputs Open
Outputs Enabled
I
CCX
DE = 0.8V, RE = 2V
Outputs Disabled
25
COMMERCIAL
Driver Switching Characteristics
V
CC = 5.0V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
DD
Differential Output Delay Time
R
L =60Ω, Figure 3
8.0
15
20
ns
t
TD
Differential Output Transition Time
8.0
15
22
ns
t
PLH
Propagation Delay Time,
R
L =27Ω, Figure 4
6.0
12
16
ns
Low-to-High Level Output
t
PHL
Propagation Delay Time,
6.0
12
16
ns
High-to-Low Level Output
t
ZH
Output Enable Time to High Level
R
L = 110Ω, Figure 5
25
32
ns
t
ZL
Output Enable Time to Low Level
R
L = 110Ω, Figure 6
25
32
ns
t
HZ
Output Disable Time from High Level
R
L = 110Ω, Figure 5
20
25
ns
t
LZ
Output Disable Time from Low Level
R
L = 110Ω, Figure 6
20
25
ns
t
LZL
Output Disable Time from Low Level
Load per
Figure 5
300
ns
with Load Resistor to GND
Timing per
Figure 6
t
SKEW
Skew (Pulse Width Distortion)
R
L =60Ω, Figure 3
1.0
4.0
ns
Receiver Electrical Characteristics
Over recommended supply voltage and operating temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
TH
Differential Input High
V
O = 2.7V, IO = −0.4 mA
0.2
V
Threshold Voltage
V
TL
Differential Input Low
V
O = 0.5V, IO = 8.0 mA
−0.2
V
Threshold Voltage (Note 7)
V
T+−VT−
Hysteresis (Note 8)
V
CM =0V
35
50
mV
V
IH
Enable Input Voltage HIGH
2.0
V
V
IL
Enable Input Voltage LOW
0.8
V
V
IC
Enable Input Clamp Voltage
I
I = −18 mA
−1.3
V
V
OH
Output Voltage HIGH
V
ID = 200 mV,
0˚C to +70˚C
2.8
V
I
OH = −400 µA,
Figure 2
−55˚C to +125˚C
2.5
V
OL
Output Voltage LOW
V
ID = −200 mV,
I
OL = 8.0 mA
0.45
V
Figure 2
I
OL = 16 mA
0.50
I
OZ
High Impedance State Output
V
O = 0.4V to 2.4V
±20
µA
I
I
Line Input Current (Note 9)
Other Input = 0V
V
I = +12V
1.0
mA
V
I = −7.0V
0.8
I
IH
Enable Input Current HIGH
V
IH = 2.7V
20
µA
I
IL
Enable Input Current LOW
V
IL = 0.4V
−50
µA
R
I
Input Resistance
14
18
22
k
Ω
I
OS
Short Circuit Output Current
(Note 9)
−15
−85
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com