Electronic Components Datasheet Search
  English  ▼

X  

DS16F95 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS16F95 Datasheet HTML 1Page - National Semiconductor (TI) DS16F95 Datasheet HTML 2Page - National Semiconductor (TI) DS16F95 Datasheet HTML 3Page - National Semiconductor (TI) DS16F95 Datasheet HTML 4Page - National Semiconductor (TI) DS16F95 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS16F95, DS36F95
EIA-485/EIA-422A Differential Bus Transceiver
General Description
The DS16F95/DS36F95 Differential Bus Transceiver is a
monolithic integrated circuit designed for bidirectional data
communication on balanced multipoint bus transmission
lines. The transceiver meets both EIA-485 and EIA-422A
standards.
The DS16F95/DS36F95 offers improved performance due to
the use of L-FAST bipolar technology. The L-FAST technol-
ogy allows for higher speeds and lower currents by minimiz-
ing gate delay times. Thus, the DS16F95 and DS36F95 con-
sume less power, and feature an extended temperature
range as well as improved specifications.
The DS16F95/DS36F95 combines a TRI-STATE® differen-
tial line driver and a differential input line receiver, both of
which operate from a single 5.0V power supply. The driver
and receiver have an active Enable that can be externally
connected to function as a direction control. The driver differ-
ential outputs and the receiver differential inputs are inter-
nally connected to form differential input/output (I/O) bus
ports that are designed to offer minimum loading to the bus
whenever the driver is disabled or when V
CC = 0V. These
ports feature wide positive and negative common mode volt-
age ranges, making the device suitable for multipoint appli-
cations in noisy environments.
The driver is designed to accommodate loads of up to 60 mA
of sink or source current and features positive and negative
current limiting in addition to thermal shutdown for protection
from line fault conditions.
The DS16F95/DS36F95 can be used in transmission line
applications employing the DS96F172 and the DS96F174
quad differential line drivers and the DS96F173 and
DS96F175 quad differential line receivers.
Features
n Meets EIA-485 and EIA-422A
n Meets SCSI-1 (5 MHZ) specifications
n Designed for multipoint transmission
n Wide positive and negative input/output bus voltage
ranges
n Thermal shutdown protection
n Driver positive and negative current-limiting
n High impedance receiver input
n Receiver input hysteresis of 50 mV typical
n Operates from single 5.0V supply
n Reduced power consumption
n Pin compatible with DS3695 and SN75176A
n Military temperature range available
n Qualified for MIL-STD 883C
n Standard Military Drawings (SMD) available
n Available in DIP (J), SOIC (M), LCC (E), and Flatpak
(W) packages
Logic Diagram
Function Tables
Driver
Driver Input
Enable
Outputs
DI
DE
A
B
HH
H
L
LH
L
H
XL
Z
Z
Receiver
Differential Inputs
Enable
Output
A–B
RE
RO
V
ID ≥ 0.2V
L
H
V
ID ≤ −0.2V
L
L
XH
Z
H = High Level
L = Low Level
X = Immaterial
Z = High Impedance (Off)
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS009629-20
June 1998
© 1998 National Semiconductor Corporation
DS009629
www.national.com


Similar Part No. - DS16F95

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS16F95 TI1-DS16F95 Datasheet
309Kb / 16P
DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 MDR TI2-DS16F95 MDR Datasheet
605Kb / 20P
DS16F95QML EIA-485/EIA-422A Differential Bus Transceiver
REVISED APRIL 2013
DS16F95-MDR.A TI2-DS16F95-MDR.A Datasheet
605Kb / 20P
DS16F95QML EIA-485/EIA-422A Differential Bus Transceiver
REVISED APRIL 2013
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
DS16F95AJA NSC-DS16F95AJA Datasheet
363Kb / 10P
TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
More results

Similar Description - DS16F95

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com