Electronic Components Datasheet Search
  English  ▼

X  

PCM1796 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1796
Description  AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1796 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1796 Datasheet HTML 1Page - Texas Instruments PCM1796 Datasheet HTML 2Page - Texas Instruments PCM1796 Datasheet HTML 3Page - Texas Instruments PCM1796 Datasheet HTML 4Page - Texas Instruments PCM1796 Datasheet HTML 5Page - Texas Instruments PCM1796 Datasheet HTML 6Page - Texas Instruments PCM1796 Datasheet HTML 7Page - Texas Instruments PCM1796 Datasheet HTML 8Page - Texas Instruments PCM1796 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data unless
otherwise noted
PARAMETER
TEST CONDITIONS
PCM1796DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
VIH
Input logic level
2
VDC
VIL
Input logic level
0.8
VDC
IIH
Input logic current
VIN = VDD
10
µA
IIL
Input logic current
VIN = 0 V
–10
µA
VOH
Output logic level
IOH = –2 mA
2.4
VDC
VOL
Output logic level
IOL = 2 mA
0.4
VDC
DYNAMIC PERFORMANCE (PCM MODE) (1)(2)
fS = 44.1 kHz
0.0005%
0.001%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.001%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
120
123
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
123
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
123
dB
EIAJ, A-weighted, fS = 44.1 kHz
120
123
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
123
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
123
dB
fS = 44.1 kHz
116
119
Channel separation
fS = 96 kHz
118
dB
Channel separation
fS = 192 kHz
117
dB
Level Linearity Error
VOUT = –120 dB
±1
dB
DYNAMIC PERFORMANCE (MONO MODE) (1)(2)(3)
fS = 44.1 kHz
0.0005%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.001%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
126
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
126
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
126
dB
EIAJ, A-weighted, fS = 44.1 kHz
126
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
126
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
126
dB
(1) Filter condition:
THD+N: 20-Hz HPF, 20-kHz AES17 LPF
Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Signal-to-noise ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Channel separation: 20-Hz HPF, 20-kHz AES17 LPF
Analog performance specifications are measured using the System Two
t Cascade audio measurement system by Audio Precision in the
averaging mode.
(2) Dynamic performance and dc accuracy are specified at the output of the postamplifier as shown in Figure 36.
(3) Dynamic performance and dc accuracy are specified at the output of the measurement circuit as shown in Figure 38.
Audio Precision and System Two are trademarks of Audio Precision, Inc.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com