Electronic Components Datasheet Search
  English  ▼

X  

PCM1796 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1796
Description  AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1796 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1796 Datasheet HTML 9Page - Texas Instruments PCM1796 Datasheet HTML 10Page - Texas Instruments PCM1796 Datasheet HTML 11Page - Texas Instruments PCM1796 Datasheet HTML 12Page - Texas Instruments PCM1796 Datasheet HTML 13Page - Texas Instruments PCM1796 Datasheet HTML 14Page - Texas Instruments PCM1796 Datasheet HTML 15Page - Texas Instruments PCM1796 Datasheet HTML 16Page - Texas Instruments PCM1796 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
13
NOTE: PCM mode, fS = 48 kHz, 32768 point 8 average, TA = 25°C,
VDD = 3.3 V VCC = 5 V, measurement circuit is Figure 36.
Figure 19. –60-dB Output Spectrum, BW = 20 kHz
f – Frequency – kHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
2
4
6
8
1012
141618
20
AMPLITUDE
vs
FREQUENCY
NOTE: PCM mode, fS = 96 kHz, 32768 point 8 average, TA = 25°C,
VDD = 3.3 V VCC = 5 V, measurement circuit is Figure 36.
Figure 20. –60-dB Output Spectrum, BW = 100 kHz
f – Frequency – kHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
102030
405060
708090
100
AMPLITUDE
vs
FREQUENCY
NOTE: PCM mode, fS = 48 kHz, TA = 25°C, VDD = 3.3 V, VCC = 5 V,
measurement circuit is Figure 36.
Figure 21. THD+N vs Input Level, PCM Mode
−90 −80 −70
−60 −50
−40 −30
−20 −10
0
Input Level – dBFS
TOTAL HARMONIC DISTORTION + NOISE
vs
INPUT LEVEL
10
0.1
0.01
0.001
0.0001
1
NOTE: DSD mode (FIR-2), 32768 point 8 average, TA = 25°C,
VDD = 3.3 V, VCC = 5 V, measurement circuit is Figure 37.
Figure 22. –60-dB Output Spectrum, DSD Mode
f – Frequency – kHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
2
4
6
8
1012
141618
20
AMPLITUDE
vs
FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com