Electronic Components Datasheet Search
  English  ▼

X  

PCM1850 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1850
Description  6  2-CHANNEL MUX AND PGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1850 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1850 Datasheet HTML 1Page - Texas Instruments PCM1850 Datasheet HTML 2Page - Texas Instruments PCM1850 Datasheet HTML 3Page - Texas Instruments PCM1850 Datasheet HTML 4Page - Texas Instruments PCM1850 Datasheet HTML 5Page - Texas Instruments PCM1850 Datasheet HTML 6Page - Texas Instruments PCM1850 Datasheet HTML 7Page - Texas Instruments PCM1850 Datasheet HTML 8Page - Texas Instruments PCM1850 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
5
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
Supply voltage: VCC
–0.3 V to 6.5 V
Supply voltage: VDD
–0.3 V to 4 V
Ground voltage differences: AGND, DGND
±0.1 V
Digital input voltage: LRCK, BCK, DOUT, OVER
–0.3 V to (VDD + 0.3 V) < 4 V
Digital input voltage: RST, SCKI, MS (ADR)(2), MC (SCL)(2), MD (SDA)(2), TEST0, TEST1
–0.3 V to 6.5 V
Analog input voltage: VINL1–6, VINR1–6
–3 V to (VCC + 3 V) < 9 V
Analog input voltage: MOUTL, MOUTR, VREF1, VREF2, VREFS
–0.3 V to (VCC + 0.3 V) < 6.5 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) PCM1850 (PCM1851)
ELECTRICAL CHARACTERISTICS
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 256 fS, 24-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1850PJT, PCM1851PJT
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
DATA FORMAT
Audio data interface format
Left-justified, I2S, right-justified
Audio data bit length
16, 24
bits
Audio data format
MSB-first, 2s complement
fS
Sampling frequency
16
48
96
kHz
256 fS
4.096
12.288
24.576
System clock frequency
384 fS
6.144
18.432
36.864
MHz
System clock frequency
512 fS
8.192
24.576
49.152
MHz
768 fS
12.288
36.864
—
INPUT LOGIC
VIH (1)
2
VDD
VIL (1)
Input logic level
0
0.8
VDC
VIH (2) (3)
Input logic level
2
5.5
VDC
VIL (2) (3)
0
0.8
IIH (2)
VIN = VDD
±10
IIL (2)
Input logic current
VIN = 0
±10
A
IIH (1) (3)
Input logic current
VIN = VDD
65
100
µA
IIL (1) (3)
VIN = 0
±10
(1) Pins 1, 2: LRCK, BCK (In slave mode, Schmitt-trigger input, with 50-kΩ typical pulldown resistor)
(2) Pins 7, 31, 32: SCKI, MC/SCL (PCM1850/1851), MD/SDA (PCM1850/1851) (Schmitt-trigger input, 5-V tolerant)
(3) Pins 8–10, 30: TEST0, TEST1, RST, MS/ADR (PCM1850/1851) (Schmitt-trigger input, with 50-kΩ typical pulldown resistor, 5-V tolerant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com