Electronic Components Datasheet Search
  English  ▼

X  

PCM1850 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1850
Description  6  2-CHANNEL MUX AND PGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1850 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 9Page - Texas Instruments PCM1850 Datasheet HTML 10Page - Texas Instruments PCM1850 Datasheet HTML 11Page - Texas Instruments PCM1850 Datasheet HTML 12Page - Texas Instruments PCM1850 Datasheet HTML 13Page - Texas Instruments PCM1850 Datasheet HTML 14Page - Texas Instruments PCM1850 Datasheet HTML 15Page - Texas Instruments PCM1850 Datasheet HTML 16Page - Texas Instruments PCM1850 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
13
SYSTEM CLOCK
The PCM1850/1851 supports 256 fS, 384 fS, 512 fS, and 768 fS as the system clock, where fS is the audio sampling
frequency. The system clock must be supplied on SCKI (pin 7).
The PCM1850/1851 has a system clock detection circuit which automatically senses if the system clock is operating at
256 fS, 384 fS, 512 fSor 768 fS in slave mode. In master mode, the system clock frequency must be selected by mode control
via the serial port. The 768-fS system clock is not available in master mode or for fS = 88.2 kHz and 96 kHz in the slave
mode. The system clock is divided into 128 fS and 64 fS automatically, and these frequencies are used to operate the digital
filter and the delta-sigma modulator, respectively.
Table 1 shows the relationship of typical sampling frequency to system clock frequency, and Figure 20 shows system clock
timing.
Table 1. Sampling Frequency and System Clock Frequency
SAMPLING RATE FREQUENCY
SYSTEM CLOCK FREQUENCY (MHz)
Q
(kHz)
256 fS
384 fS
512 fS
768 fS (1)
32
8.192
12.288
16.384
24.576
44.1
11.2896
16.9344
22.5792
33.8688
48
12.288
18.432
24.576
36.864
64
16.384
24.576
32.768
49.152
88.2
22.5792
33.8688
45.1584
—
96
24.576
36.864
49.152
—
(1) Slave mode only
t(SCKH)
SCKI
t(SCKL)
2.0 V
0.8 V
H
L
SYMBOL
PARAMETER
MIN
MAX
UNIT
tSCKH
System clock pulse duration, HIGH
8
ns
tSCKL
System clock pulse duration, LOW
8
ns
Figure 20. System Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com