Electronic Components Datasheet Search
  English  ▼

X  

PCM1870 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1870
Description  Microphone Bias and Microphone Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1870 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 17Page - Texas Instruments PCM1870 Datasheet HTML 18Page - Texas Instruments PCM1870 Datasheet HTML 19Page - Texas Instruments PCM1870 Datasheet HTML 20Page - Texas Instruments PCM1870 Datasheet HTML 21Page - Texas Instruments PCM1870 Datasheet HTML 22Page - Texas Instruments PCM1870 Datasheet HTML 23Page - Texas Instruments PCM1870 Datasheet HTML 24Page - Texas Instruments PCM1870 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
www.ti.com
TWO-WIRE INTERFACE [I
2C, MODE (PIN 28) = HIGH]
9
SDA
SCL
St
Start
1−7
8
1−8
9
1−8
9
Sp
Stop
Slave Address
ACK
DATA
ACK
DATA
ACK
Condition
Condition
R/W
Write Operation
Transmitter
M
M
M
S
S
M
S
M
Data Type
St
Slave Address
R/W
ACK
ACK
DATA
ACK
Sp
R/W:
Read Operation if 1; Otherwise, Write Operation
ACK:
Acknowledgement of a Byte if 0
DATA: 8 Bits (Byte)
T0049-03
M: Master Device
St: Start Condition
M
DATA
Read Operation
Transmitter
M
M
M
S
M
S
M
M
Data Type
St
Slave Address
R/W
ACK
ACK
DATA
NACK
Sp
S
DATA
S: Slave Device
Sp: Stop Condition
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
The PCM1870 supports the I2C serial bus and the data transmission protocol for the I2C standard as a slave
device. This protocol is explained in I2C specification 2.0.
In I2C mode, the control terminals are changed as follows.
TERMINAL NAME
PROPERTY
DESCRIPTION
MS/ADR
Input
I2C address
MD/SDA
Input/output
I2C data
MC/SCL
Input
I2C clock
Slave Address
MSB
LSB
1
0
0
0
1
1
ADR
R/W
The PCM1870 has its 7-bit slave address. The first six bits (MSBs) of the slave address are factory preset to
1000 11. The next bit of the address byte is the device select bit, which can be user-defined by ADR terminal. A
maximum of two PCM1870s can be connected on the same bus at one time. Each PCM1870 responds when it
receives its own slave address.
Packet Protocol
A master device must control packet protocol, which is start condition, slave address with read/write bit, data if
write or acknowledgement if read, and stop condition. The PCM1870 supports only slave-receiver and
slave-transmitter.
Figure 20. Basic I2C Framework
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com