Electronic Components Datasheet Search
  English  ▼

X  

PCM1870 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1870
Description  Microphone Bias and Microphone Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1870 Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 32Page - Texas Instruments PCM1870 Datasheet HTML 33Page - Texas Instruments PCM1870 Datasheet HTML 34Page - Texas Instruments PCM1870 Datasheet HTML 35Page - Texas Instruments PCM1870 Datasheet HTML 36Page - Texas Instruments PCM1870 Datasheet HTML 37Page - Texas Instruments PCM1870 Datasheet HTML 38Page - Texas Instruments PCM1870 Datasheet HTML 39Page - Texas Instruments PCM1870 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
www.ti.com
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
Register 92
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 92
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
LPAE
RSV
RSV
LGA4
LGA3
LGA2
LGA1
LGA0
IDX[6:0]: 101 1100b (5Ch) Register 92
LPAE: Automatic Attenuation Setting for Bass Boost Gain Control
Default value: 0
A gain setting for bass boost may cause digital data saturation, depending on the input data level. Where this
could occur, LPAE can be used to set the same attenuation level as the bass boost gain level for the digital input
data.
LPAE = 0
Disble (default)
LPAE = 1
Enable
LGA[4:0]: Bass Boost Gain Control
Default value: 0 0000
These bits are used to set bass boost gain level for the digital data. The center frequency for boost is 200 Hz at
44.1 kHz.
LGA[4:0]
TONE CONTROL GAIN (BASS)
LGA[4:0]
TONE CONTROL GAIN (BASS)
0 0000
0 dB (default)
0 1111
0 dB
0 0011
12 dB
1 0000
–1 dB
0 0100
11 dB
1 0001
–2 dB
0 0101
10 dB
1 0010
–3 dB
0 0110
9 dB
1 0011
–4 dB
0 0111
8 dB
1 0100
–5 dB
0 1000
7 dB
1 0101
–6 dB
0 1001
6 dB
1 0110
–7 dB
0 1010
5 dB
1 0111
–8 dB
0 1011
4 dB
1 1000
–9 dB
0 1100
3 dB
1 1001
–10 dB
0 1101
2 dB
1 1010
–11 dB
0 1110
1 dB
1 1011
–12 dB
36
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com