Electronic Components Datasheet Search
  English  ▼

X  

PCM4201 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4201
Description  Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4201 Datasheet(HTML) 3 Page - Texas Instruments

  PCM4201 Datasheet HTML 1Page - Texas Instruments PCM4201 Datasheet HTML 2Page - Texas Instruments PCM4201 Datasheet HTML 3Page - Texas Instruments PCM4201 Datasheet HTML 4Page - Texas Instruments PCM4201 Datasheet HTML 5Page - Texas Instruments PCM4201 Datasheet HTML 6Page - Texas Instruments PCM4201 Datasheet HTML 7Page - Texas Instruments PCM4201 Datasheet HTML 8Page - Texas Instruments PCM4201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PCM4201
SBAS342B − DECEMBER 2004 − REVISED APRIL 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all characteristics are measured with TA = +25°C, VCC = +5V, and VDD = +3.3V. System clock frequency is set to
24.576 MHz. Device is operated in Slave mode.
PCM4201
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
AUDIO DATA FORMAT
Format
Two’s complement, MSB first data
Left-Justified / DSP Compatible
Word length
24
Bits
DIGITAL I/O
Input logic level
VIH
0.7 x VDD
VDD
V
Input logic level
VIL
0
0.3 x VDD
V
Output logic level
VOH
IOH = −2mA
0.8 x VDD
V
Output logic level
VOL
IOL = +2mA
0.2 x VDD
V
Input current
IIH
VIN = VDD
+10
µA
Input current
IIL
VIN = 0V
−10
µA
Input current(1)
IIH
VIN = VDD
+25
µA
Input current(1)
IIL
VIN = 0V
−25
µA
DIGITAL SWITCHING
Normal speed, low power
8
54
kHz
Output sampling frequency
fS
Normal speed, high performance
8
54
kHz
Output sampling frequency
fS
Double speed
54
108
kHz
System clock duty cycle
45
50
55
%
System clock frequency
2.048
27.65
MHz
AUDIO SERIAL-PORT TIMING
Delay from FSYNC rising to BCK rising
tDBK
5
ns
Delay from BCK rising to FSYNC rising
tDLK
5
ns
BCK high pulse width
tBCKH
72
ns
BCK low pulse width
tBCKL
72
ns
Data setup time
tS
10
ns
Data hold time
tH
10
ns
ANALOG INPUTS
Input voltage, full-scale range (FSR)
Differential input
5.0
VPP
Input impedance
Per analog input pin
15
k
Ω
Common-mode rejection
100
dB
DC PERFORMANCE
Output offset error
High-pass filter disabled
±4
% of FSR
Gain error
±4
% of FSR
(1) Applies to RATE (pin 5) and S/M (pin 6) inputs.
(2) All typical dynamic performance specifications were measured using an Audio Precision System Two Cascade or Cascade Plus test system and a PCM4201EVM
evaluation module. For Normal Speed operation, the measurement bandwidth is limited using the Audio Precision 22Hz high-pass filter and 20kHz low-pass filter.
For Double Speed mode, the measurement bandwidth is limited using the Audio Precision 22Hz high-pass filter and a user-defined 40kHz low-pass filter (the
fS/2 low pass filter may be utilized with similar results). All A-weighted measurements are made using the Audio Precision A-weighting filter in combination with
the filters previously noted here. Minimum and maximum dynamic performance limits are based upon the capability of the production test solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com