Electronic Components Datasheet Search
  English  ▼

X  

PCM4201 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4201
Description  Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4201 Datasheet(HTML) 5 Page - Texas Instruments

  PCM4201 Datasheet HTML 1Page - Texas Instruments PCM4201 Datasheet HTML 2Page - Texas Instruments PCM4201 Datasheet HTML 3Page - Texas Instruments PCM4201 Datasheet HTML 4Page - Texas Instruments PCM4201 Datasheet HTML 5Page - Texas Instruments PCM4201 Datasheet HTML 6Page - Texas Instruments PCM4201 Datasheet HTML 7Page - Texas Instruments PCM4201 Datasheet HTML 8Page - Texas Instruments PCM4201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
PCM4201
SBAS342B − DECEMBER 2004 − REVISED APRIL 2006
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, all characteristics are measured with TA = +25°C, VCC = +5V, and VDD = +3.3V. System clock frequency is set to
24.576 MHz. Device is operated in Slave mode.
PCM4201
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
DIGITAL HIGH PASS FILTER
Frequency response (−3dB)
fS/48000
Hz
POWER SUPPLY
Supply voltage range
VCC
+4.75
+5.0
+5.25
V
Supply voltage range
VDD
+1.65
+3.3
+3.6
V
Normal speed, low power
7
8.2
mA
ICC
Normal speed, high performance
13
15
mA
Operating supply current
ICC
Double speed
13
16
mA
Operating supply current
with VCC = +5V, VDD = +1.8V
Normal speed, low power
2
3.2
mA
CC
DD
IDD
Normal speed, high performance
2.5
4.5
mA
IDD
Double speed
3.5
6.0
mA
Normal speed, low power
7
8.2
mA
ICC
Normal speed, high performance
13
15
mA
Operating supply current
ICC
Double speed
13
16
mA
Operating supply current
with VCC = +5V, VDD = +3.3V
Normal speed, low power
4
6.0
mA
CC
DD
IDD
Normal speed, high performance
5
8.5
mA
IDD
Double speed
7.5
10.5
mA
Power-Down mode current
ICC
5
µA
Power-Down mode current
with VCC = +5V, VDD = +1.8V or +3.3V
IDD
5
µA
Total power dissipation
Normal speed, low power
49
61
mW
Total power dissipation
with VCC = +5V, VDD = +3.3V
Normal speed, high performance
82
103
mW
with VCC = +5V, VDD = +3.3V
Double speed
90
115
mW
Total power dissipation
Normal speed, low power
39
47
mW
Total power dissipation
with VCC = +5V, VDD = +1.8V
Normal speed, high performance
70
83
mW
with VCC = +5V, VDD = +1.8V
Double speed
72
91
mW
(1) Applies to RATE (pin 5) and S/M (pin 6) inputs.
(2) All typical dynamic performance specifications were measured using an Audio Precision System Two Cascade or Cascade Plus test system and a PCM4201EVM
evaluation module. For Normal Speed operation, the measurement bandwidth is limited using the Audio Precision 22Hz high-pass filter and 20kHz low-pass filter.
For Double Speed mode, the measurement bandwidth is limited using the Audio Precision 22Hz high-pass filter and a user-defined 40kHz low-pass filter (the
fS/2 low pass filter may be utilized with similar results). All A-weighted measurements are made using the Audio Precision A-weighting filter in combination with
the filters previously noted here. Minimum and maximum dynamic performance limits are based upon the capability of the production test solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com