Electronic Components Datasheet Search
  English  ▼

X  

PCM4202DB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202DB
Description  Stereo Audio Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202DB Datasheet(HTML) 4 Page - Texas Instruments

  PCM4202DB Datasheet HTML 1Page - Texas Instruments PCM4202DB Datasheet HTML 2Page - Texas Instruments PCM4202DB Datasheet HTML 3Page - Texas Instruments PCM4202DB Datasheet HTML 4Page - Texas Instruments PCM4202DB Datasheet HTML 5Page - Texas Instruments PCM4202DB Datasheet HTML 6Page - Texas Instruments PCM4202DB Datasheet HTML 7Page - Texas Instruments PCM4202DB Datasheet HTML 8Page - Texas Instruments PCM4202DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS
All parameters are specified at TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 20Hz to 20kHz, unless otherwise
noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for Quad Rate sampling mode.
PCM4202
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
AUDIO DATA FORMAT
Linear PCM interface formats
Two’s complement, MSB first data
I2S, Left or Right Justified
Linear PCM word length
24
Bits
Direct Stream Digital (DSD) output
1
Bit
DIGITAL CHARACTERISTICS
Input logic level
VIH
0.7 x VDD
VDD
V
VIL
0
0.3 x VDD
V
Output logic level
VOH
IOH = −2mA
0.8 x VDD
V
VOL
IOL = +2mA
0.2 x VDD
V
Input current
IIH
VIN = VDD
+10
µA
IIL
VIN = 0V
−10
µA
Input current(1)
IIH
VIN = VDD
+25
µA
IIL
VIN = 0V
−25
µA
Single rate
8
54
kHz
Sampling frequency(2)
fS
Dual rate
54
108
kHz
Sampling frequency
fS
Quad rate
108
216
kHz
System clock duty cycle
45
50
55
%
Single rate, SCKI = 256fS
2.048
13.824
MHz
Single rate, SCKI = 384fS
3.072
20.736
MHz
Single rate, SCKI = 512fS
4.096
27.648
MHz
System clock frequency(2)
Single rate, SCKI = 768fS
6.144
38.4
MHz
System clock frequency(2)
Dual rate, SCKI = 256fS
13.824
27.648
MHz
Dual rate, SCKI = 384fS
20.736
38.4
MHz
Quad rate, SCKI = 128fS
13.824
27.648
MHz
Quad rate, SCKI = 192fS
20.736
38.4
MHz
ANALOG OUTPUTS
Input voltage, full-scale
Differential input
6.0
VPP
Input impedance
3
k
Ω
Common-mode rejection
85
dB
DC PERFORMANCE
Output offset error
HPFD = 1
±4
% of FSR
Gain error
±4
% of FSR
Gain mismatch channel-to-channel
±3
% of FSR
(1) Applies to the RST input, pin 19.
(2) Single, Dual, and Quad Rate sampling modes are described within this data sheet.
(3) Dynamic performance parameters are measured using an Audio Precision System Two Cascade or Cascade Plus test system. The
measurement bandwidth is limited by using the Audio Precision 22Hz high-pass filter in combination with the Audio Precision 20kHz, fS/2, or
a user-defined 40kHz low-pass filter. All A-weighted measurements are performed using the Audio Precision A-weighting filter in combination
with the previously mentioned filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com