Electronic Components Datasheet Search
  English  ▼

X  

PCM4202DB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202DB
Description  Stereo Audio Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202DB Datasheet(HTML) 1 Page - Texas Instruments

  PCM4202DB Datasheet HTML 1Page - Texas Instruments PCM4202DB Datasheet HTML 2Page - Texas Instruments PCM4202DB Datasheet HTML 3Page - Texas Instruments PCM4202DB Datasheet HTML 4Page - Texas Instruments PCM4202DB Datasheet HTML 5Page - Texas Instruments PCM4202DB Datasheet HTML 6Page - Texas Instruments PCM4202DB Datasheet HTML 7Page - Texas Instruments PCM4202DB Datasheet HTML 8Page - Texas Instruments PCM4202DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SBAS290B − JULY 2003 − SEPTEMBER 2004
High-Performance 24-Bit, 216kHz Sampling
Stereo Audio Analog-to-Digital Converter
PCM4202
FEATURES
D Two High-Performance Delta-Sigma
Analog-to-Digital Converters
− 24-Bit Linear PCM or 1-Bit Direct Stream
Digital (DSD) Output Data
− Supports PCM Output Sampling Rates up
to 216kHz
− Supports 64fS and 128fS DSD Output Data
Rates
D Dynamic Performance: PCM Output
− Dynamic Range (VIN = −60dBFS,
fIN = 1kHz, A-Weighted): 118dB
− THD+N (VIN = −0.5dB, fIN = 1kHz): −105dB
D Dynamic Performance: DSD Output, 64fS
− Dynamic Range (A-Weighted): 115dB
− THD+N (VIN = −0.5dB, fIN = 1kHz): −102dB
D Audio Serial Port
− 24-Bit Linear PCM Output Data
− Master or Slave Mode Operation
− Supports Left-Justified, Right-Justified,
and I2S
E Data Formats
D Additional PCM Output Features:
− Linear-Phase Digital Decimation Filter
− Digital High-Pass Filter for DC Removal
− Clipping Flag Output for Each Channel
D Power Supplies: +5V Analog and +3.3V Digital
D Power Dissipation:
− fS = 48kHz: 308mW typical
− fS = 96kHz: 338mW typical
− fS = 192kHz: 318mW typical
D Power-Down Mode
D Available in a SSOP-28 Package
D Pin- and Function-Compatible with the
PCM1804
APPLICATIONS
D Digital Recorders and Mixing Desks
D Digital Audio Effects Processors
D Broadcast Studio Equipment
D Surround-Sound Encoders
D High-End A/V Receivers
DESCRIPTION
The PCM4202 is a high-performance, stereo audio
analog-to-digital (A/D) converter designed for professional
and
broadcast
audio
applications.
The
PCM4202
architecture utilizes a 1-bit delta-sigma modulator per
channel, incorporating a novel density modulated dither
scheme for improved dynamic performance.
The PCM4202 supports 24-bit linear PCM output data,
with sampling frequencies up to 216kHz. The PCM4202
can also be configured to output either 64x or 128x
oversampled, 1-bit direct stream digital (DSD) data for
each channel. Support for PCM and DSD output formats
makes the PCM4202 suitable for a variety of digital audio
recording and processing applications.
The PCM4202 includes a flexible audio serial port inter-
face, which supports standard audio data formats. Audio
data format selection, sampling mode configuration, and
high-pass filter functions are all programmed using dedi-
cated control pins.
The PCM4202 operates from a +5V analog power supply
and a +3.3V digital power supply. The digital I/O pins are
compatible with +3.3V logic families. The PCM4202 is
available in a small SSOP-28 package.
I2S is a registered trademark of Royal Philips Electronics B.V., The Netherlands. All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - PCM4202DB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4202DB BURR-BROWN-PCM4202DB Datasheet
342Kb / 26P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
logo
Texas Instruments
PCM4202DB TI2-PCM4202DB Datasheet
567Kb / 32P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
SEPTEMBER 2004
PCM4202DB TI2-PCM4202DB Datasheet
567Kb / 32P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
SEPTEMBER 2004
PCM4202DB.B TI2-PCM4202DB.B Datasheet
567Kb / 32P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
SEPTEMBER 2004
PCM4202DB.B TI2-PCM4202DB.B Datasheet
567Kb / 32P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
SEPTEMBER 2004
More results

Similar Description - PCM4202DB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com