Electronic Components Datasheet Search
  English  ▼

X  

J174 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # J174
Description  SINGLE P-CHANNEL JFET SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J174 Datasheet(HTML) 1 Page - Linear Integrated Systems

  J174 Datasheet HTML 1Page - Linear Integrated Systems J174 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Direct Replacement For SILICONIX J/SST174 SERIES
LOW ON RESISTANCE
rDS(on) ≤ 85Ω
LOW GATE OPERATING CURRENT
ID(off) = 10pA
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to 150°C
Junction Operating Temperature
-55 to 135°C
Maximum Power Dissipation
Continuous Power Dissipation
350mW
Maximum Currents
Gate Current
IG = -50mA
Maximum Voltages
Gate to Drain Voltage
VGDS = 30V
Gate to Source Voltage
VGSS = 30V
COMMON ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
30
IG = 1µA, VDS = 0V
VGS(F)
Gate to Source Forward Voltage
-0.7
V
IG = -1mA, VDS = 0V
IGSS
Gate Reverse Current
0.01
1
VGS = 20V, VDS = 0V
IG
Gate Operating Current
0.01
VDG = -15V, ID = -1mA
ID(off)
Drain Cutoff Current
-0.01
-1
nA
VDS = -15V, VGS = 10V
SPECIFIC ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
J/SST174
J/SST175
J/SST176
J/SST177
SYMBOL
CHARACTERISTIC
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
CONDITIONS
VGS(off)
Gate to Source
Cutoff Voltage
5
10
3
6
1
4
0.8
2.25
V
VDS = -15V, ID = -10nA
IDSS
Drain to Source
Saturation Current
-20
-135
-7
-70
-2
-35
-1.5
-20
mA
VDS = -15V, VGS = 0V
rDS(on)
Drain to Source
On Resistance
85
125
250
300
Ω
VGS = 0V, VDS = -0.1V
SST SERIES
1
2
3
SOT-23
TOP VIEW
D
G
S
J SERIES
TO-92
BOTTOM VIEW
123
DG S
Linear Integrated Systems
J/SST174 SERIES
SINGLE P-CHANNEL
JFET SWITCH
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - J174

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J174 PHILIPS-J174 Datasheet
33Kb / 6P
P-channel silicon field-effect transistors
April 1995
logo
Fairchild Semiconductor
J174 FAIRCHILD-J174 Datasheet
58Kb / 5P
P-Channel Switch
logo
Calogic, LLC
J174 CALOGIC-J174 Datasheet
23Kb / 2P
P-Channel JFET Switch
logo
Vishay Siliconix
J174 VISHAY-J174 Datasheet
55Kb / 6P
P-Channel JFETs
04-Jun-01
logo
Fairchild Semiconductor
J174 FAIRCHILD-J174 Datasheet
728Kb / 12P
P-Channel Switch
More results

Similar Description - J174

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
2N5018 LINEAR-2N5018 Datasheet
263Kb / 2P
SINGLE P-CHANNEL JFET SWITCH
logo
Micross Components
2N5018_TO-92 MICROSS-2N5018_TO-92 Datasheet
302Kb / 1P
a single P-Channel JFET switch
J177_TO-92 MICROSS-J177_TO-92 Datasheet
304Kb / 1P
a single P-Channel JFET switch
PN5019_TO-92 MICROSS-PN5019_TO-92 Datasheet
302Kb / 1P
a single P-Channel JFET switch
SST174_SOT-23 MICROSS-SST174_SOT-23 Datasheet
302Kb / 1P
a single P-Channel JFET switch
SST177_SOT-23 MICROSS-SST177_SOT-23 Datasheet
301Kb / 1P
a single P-Channel JFET switch
SST5018_SOT-23 MICROSS-SST5018_SOT-23 Datasheet
298Kb / 1P
single P-Channel JFET switch
SST5019_SOT-23 MICROSS-SST5019_SOT-23 Datasheet
298Kb / 1P
single P-Channel JFET switch
logo
Linear Integrated Syste...
2N5018 LINEAR-2N5018_13 Datasheet
222Kb / 2P
SINGLE P-CHANNEL JFET SWITCH
2N5114 LINEAR-2N5114_14 Datasheet
227Kb / 2P
SINGLE P-CHANNEL JFET SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com