Electronic Components Datasheet Search
  English  ▼

X  

J174 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # J174
Description  SINGLE P-CHANNEL JFET SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J174 Datasheet(HTML) 2 Page - Linear Integrated Systems

  J174 Datasheet HTML 1Page - Linear Integrated Systems J174 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
SWITCHING CHARACTERISTICS
SYMBOL
CHARACTERISTIC
TYP
UNITS
CONDITIONS
td(on)
Turn On Time
10
tr
Turn On Rise Time
15
td(off)
Turn Off Time
10
tf
Turn Off Fall Time
20
ns
VGS(L) = 0V
VGS(H) = 10V
See Switching
Circuit
0.1µF
SWITCHING CIRCUIT
SWITCHING CIRCUIT PARAMETERS
J/SST174
J/SST175
J/SST176
J/SST177
VDD
-10V
-6V
-6V
-6V
VGG
20V
12V
8V
5V
RL
560Ω
750Ω
1800Ω
5600Ω
RG
100Ω
220Ω
390Ω
390Ω
ID(on)
-15mA
-7mA
-3mA
-1mA
1
2
3
SOT-23
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55
123
LS XXX
YYWW
0.170
0.195
0.500
0.610
0.016
0.022
0.095
0.105
0.045
0.055
0.175
0.195
0.130
0.155
0.045
0.060
0.014
0.020
TO-92
DIMENSIONS
IN INCHES.
51
Ω
1.2k
Ω
R
L
7.5k
Ω
51
Ω
1.2k
Ω
51
Ω
R
G
Scope
V
GS(H)
V
GS(L)
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulsed test: PW ≤ 300µS Duty Cycle: 3%
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.
n or



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com