Electronic Components Datasheet Search
  English  ▼

X  

LMP91002 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91002
Description  Sensor AFE System
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP91002 Datasheet HTML 17Page - Texas Instruments LMP91002 Datasheet HTML 18Page - Texas Instruments LMP91002 Datasheet HTML 19Page - Texas Instruments LMP91002 Datasheet HTML 20Page - Texas Instruments LMP91002 Datasheet HTML 21Page - Texas Instruments LMP91002 Datasheet HTML 22Page - Texas Instruments LMP91002 Datasheet HTML 23Page - Texas Instruments LMP91002 Datasheet HTML 24Page - Texas Instruments LMP91002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
0
25
50
75
100
125
150
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
TIME (s)
RTIA=35k ,
Rload=10 ,
LMP91000
TIME (200 s/DIV)
IWE
2.75k
3.5k
7k
14k
35k
120k
350k
TIME (200 s/DIV)
IWE
2.75k
3.5k
7k
14k
35k
120k
350k
LMP91002
www.ti.com
SNIS163B – APRIL 2012 – REVISED OCTOBER 2015
Typical Application (continued)
8.2.3 Application Curves
Figure 27. IWE Step Current Response (Rise)
Figure 28. IWE Step Current Response (Fall)
Figure 29. A VOUT Step Response 100 ppm to 400 ppm CO
(CO Gas Sensor Connected to LMP91002)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP91002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com