| Electronic Components Datasheet Search |
|
LMP91002 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP91002 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 31 page ![]() LMP91000 µC SCL SDA GPIO 1 GPIO 2 GPIO 3 GPIO N LMP91000 LMP91000 LMP91000 D7 D6 D5 D4 D3 D2 D1 D0 1 9 Ack by LMP91000 Start by Master No Ack by Master SCL SDA Stop by Master 1 9 Frame 1 Serial Bus Address Byte from Master Frame 2 Data Byte from Slave R/W A2 A0 A1 A3 A4 A5 A6 MENB D7 D6 D5 D4 D3 D2 D1 D0 1 9 1 9 Ack by LMP91000 Start by Master R/W Ack by LMP91000 Frame 1 Serial Bus Address Byte from Master Frame 2 Internal Address Register Byte from Master A2 A0 A1 A3 A4 A5 A6 SCL SDA Stop by Master MENB LMP91002 www.ti.com SNIS163B – APRIL 2012 – REVISED OCTOBER 2015 Programming (continued) Figure 14. (b) Pointer Set Transaction (c) Register read transaction Figure 15. READ and WRITE Transaction 7.5.3 Connection of More Than One LMP91002 to the I2C Bus The LMP91002 comes out with a unique and fixed I2C slave address. It is still possible to connect more than one LMP91002 to an I2C bus and select each device using the MENB pin. The MENB simply enables/disables the I2C communication of the LMP91002. When the MENB is at logic level low all the I2C communication is enabled, it is disabled when MENB is at high logic level. In a system based on a μcontroller and more than one LMP91002 connected to the I2C bus, the I2C lines (SDA and SCL) are shared, while the MENB of each LMP91002 is connected to a dedicate GPIO port of the μcontroller. The μcontroller starts communication asserting one out of N MENB signals where N is the total number of LMP91002s connected to the I2C bus. Only the enabled device will acknowledge the I2C commands. After finishing communicating with this particular LMP91002, the microcontroller de-asserts the corresponding MENB and repeats the procedure for other LMP91002s. Figure 16 shows the typical connection when more than one LMP91002 is connected to the I2C bus. Figure 16. More than one LMP91002 on I2C bus Copyright © 2012–2015, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: LMP91002 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |