Electronic Components Datasheet Search
  English  ▼

X  

LMP91050 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91050 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP91050 Datasheet HTML 3Page - Texas Instruments LMP91050 Datasheet HTML 4Page - Texas Instruments LMP91050 Datasheet HTML 5Page - Texas Instruments LMP91050 Datasheet HTML 6Page - Texas Instruments LMP91050 Datasheet HTML 7Page - Texas Instruments LMP91050 Datasheet HTML 8Page - Texas Instruments LMP91050 Datasheet HTML 9Page - Texas Instruments LMP91050 Datasheet HTML 10Page - Texas Instruments LMP91050 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Valid Data
tH
tSU
tPH
tPL
SDI
16
th clock
SCLK
Valid Data
LMP91050
www.ti.com
SNAS517E – NOVEMBER 2011 – REVISED SEPTEMBER 2015
Timing Characteristics (continued)
The following specifications apply for VDD = 3.3 V, VCM = 1.15 V, CL = 15 pF, unless otherwise specified. All other limits
apply to TA = TJ = +25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
tWU
Wake-up time
1
ms
fSCLK
Serial clock frequency
10
MHz
tPH
SCLK pulse width high
0.4 / fSCLK
ns
tPL
SCLK pulse width low
0.4 / fSCLK
ns
tCSS
CSB set-up time
10
ns
tCSH
CSB hold time
10
ns
SDI set-up time prior to rise
tSU
10
ns
edge of SCLK
SDI hold time prior to rise edge
tSH
10
ns
of SCLK
SDO disable time after rise
tDOD1
45
ns
edge of CSB
SDO disable time after 16th rise
tDOD2
45
ns
edge of SCLK
SDO enable time from the fall
tDOE
35
ns
edge of 8th SCLK
SDO access time after the fall
tDOA
35
ns
edge of SCLK
SDO hold time after the fall
tDOH
5
ns
edge of SCLK
tDOR
SDO rise time
5
ns
tDOF
SDO fall time
5
ns
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Figure 1. SPI Timing Diagram
Figure 2. SPI Set-Up Hold Time
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com