Electronic Components Datasheet Search
  English  ▼

X  

TAS3108 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS3108 Datasheet HTML 51Page - Texas Instruments TAS3108 Datasheet HTML 52Page - Texas Instruments TAS3108 Datasheet HTML 53Page - Texas Instruments TAS3108 Datasheet HTML 54Page - Texas Instruments TAS3108 Datasheet HTML 55Page - Texas Instruments TAS3108 Datasheet HTML 56Page - Texas Instruments TAS3108 Datasheet HTML 57Page - Texas Instruments TAS3108 Datasheet HTML 58Page - Texas Instruments TAS3108 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
www.ti.com
9.2 Recommended Oscillator Circuit
Osc
Circuit
XO
XI
C1
C2
rd
AVSS
TAS3108/TAS3108IA
S0114-01
9.3 Recommended PCB Design for TAS3108IA Applications
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
• MCLKI and XTLI are logically ORed together, meaning that when the XTALI pin is used, the MCLKI pin
must be grounded.
• Crystal type = Parallel-mode, fundamental-mode crystal
• r
d = Drive-level control resistor – vendor specified
• C
L = Crystal load capacitance (capacitance of circuitry between the two terminals of the crystal)
• C
L = (C1 × C2)/C1 + C2) + CS (where CS = board stray capacitance, ~2 pF)
Automotive applications require that the TAS3108IA operates properly while in an ambient temperature
range of –40
° C to 105°C. Under the high-temperature condition of 105°C ambient, the TAS3108IA
thermal pad must be soldered to a copper area on the PCB designed for thermal relief.
High-temperature applications also require that the application be built on a high-K dielectric PCB.
High-K dielectric PCB requirements for using TAS3108IA with soldered thermal pad:
• 0.062 in thick
• Minimum 3-in × 3-in PCB
• 2-oz copper traces located on top of the board (0,071 mm thick)
• Copper area located on the top and bottom of the PCB for soldering
• Power and ground planes, 1-oz. copper (0,036 mm thick)
• Thermal vias, 0.3-mm diameter, 1.5-mm pitch
• Thermal isolation of power plane
If the target application limits the ambient temperature to 0
°C to 70°C (standard commercial
temperature range), the thermal pad does not need to be soldered to the PCB.
For more information, see PowerPAD™ Thermally Enhanced Package (SLMA002) and PowerPADTM
Made Easy (SLMA004).
Submit Documentation Feedback
Application Information
55
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com