Electronic Components Datasheet Search
  English  ▼

X  

TAS3108 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108 Datasheet(HTML) 1 Page - Texas Instruments

  TAS3108 Datasheet HTML 1Page - Texas Instruments TAS3108 Datasheet HTML 2Page - Texas Instruments TAS3108 Datasheet HTML 3Page - Texas Instruments TAS3108 Datasheet HTML 4Page - Texas Instruments TAS3108 Datasheet HTML 5Page - Texas Instruments TAS3108 Datasheet HTML 6Page - Texas Instruments TAS3108 Datasheet HTML 7Page - Texas Instruments TAS3108 Datasheet HTML 8Page - Texas Instruments TAS3108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
www.ti.com
1
Introduction
1.1 Features
1.2 Applications
Serial
Audio
Output
Port
TAS3108/TAS3108IA
Audio DSP Core
48-Bit Data Path
28-Bit Coefficients
76-Bit MAC
Volume
Update
MCLK
LRCLK
SCLKIN
SCLKOUT1
SCLKOUT2
SDIN1
SDIN4
SDIN2
SDIN3
SDOUT1
SDOUT2
SDOUT3
SDOUT4
3K Code RAM
1K Data RAM
1K Coeff. RAM
5.8K Delay RAM
Boot ROM
8
Serial
Audio
Input
Port
8
PLL
and
Clock
Control
8051 MCU
8-Bit Microprocessor
256 IRAM
2K ERAM
12K Code RAM
I2C
Interface
I2C Port #1
I2C Port #2
B0074-01
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
• 16-, 20-, 24-, and 32-Bit Word Sizes
• 8 channel Programmable Audio Digital Signal
Processor (DSP)
• 64-f
S, 128-fS, 192-fS, and 256-fS SCLK to
Support Discrete 4 channel TDM, 6 channel
• 135-MHz Maximum Speed, >2800 Processing
TDM, and 8 channel TDM Data-Transfer
Cycles Per Sample at 48 kHz
Formats
• Sample Rates of 32 kHz to 192 kHz
• Two I2C Ports for Slave or Master Download
• 48-Bit Data Path and 28-Bit Coefficients
• Soft Volume Controller
• Single-Cycle, 76-Bit Multiply Accumulate
• Dither Generator
• Five Simultaneous Operations Per Clock Cycle
• Efficient log2/2x Estimator
• 1022 Words of 48-Bit Data Memory
• Single 3.3-V Power Supply
• 1022 Words of 28-Bit Coefficient Memory
• 38-Pin Thin Shrink Small-Outline Package
• 3K Words of 54-Bit Program RAM
(TSSOP) (DCP)
• 5.88K Words of 24-Bit Delay Memory
• AEC-Q100 (Grade 2: –40°C to 105°C)
(122.5 ms at 48 kHz)
Compliant for Automotive Applications
• 15 Stereo/TDM Data Formats
(TAS3108IA)
• Independent Input/Output Data Formats
• Automotive Sound Systems
• Digital Televisions
• Home Theater Systems
• Mini-Component Audio
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs


Similar Part No. - TAS3108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3108 TI1-TAS3108 Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108 TI1-TAS3108 Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108DCPR TI1-TAS3108DCPR Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108IA TI1-TAS3108IA Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TAS3108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
Digital Signal Processors
TAS3108 TI1-TAS3108 Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
Digital Signal Processors
TAS3108DCPR TI1-TAS3108DCPR Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com