Electronic Components Datasheet Search
  English  ▼

X  

TC255P Datasheet(PDF) 8 Page - Texas Instruments

Part # TC255P
Description  PIXEL CCD IMAGE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC255P Datasheet(HTML) 8 Page - Texas Instruments

Back Button TC255P Datasheet HTML 4Page - Texas Instruments TC255P Datasheet HTML 5Page - Texas Instruments TC255P Datasheet HTML 6Page - Texas Instruments TC255P Datasheet HTML 7Page - Texas Instruments TC255P Datasheet HTML 8Page - Texas Instruments TC255P Datasheet HTML 9Page - Texas Instruments TC255P Datasheet HTML 10Page - Texas Instruments TC255P Datasheet HTML 11Page - Texas Instruments TC255P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057A – JUNE 1996 – REVISED MARCH 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VCC: ADB (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: ABG, IAG1, IAG2, SAG, SRG
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
– 10
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, TSTG
– 30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to the substrate terminal.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
ADB
11
12
13
V
Substrate bias voltage
0
V
IAG1 IAG2
High level
1.5
2
2.5
IAG1, IAG2
Low level
–10.5
–10
–9.5
SAG
High level
1.5
2
2.5
SAG
Low level
–10.5
–10
–9.5
Input voltage, VI
SRG
High level
1.5
2
2.5
V
SRG
Low level
–10.5
–10
–9.5
High level
3.5
4
4.5
ABG
Intermediate level‡
–2.5
Low level
–8
–7
–6
ABG
6.25
12.5
Clock frequency f lk
IAG1, IAG2
25
MHz
Clock frequency, fclock
SAG
12.5
MHz
SRG
6.25
12.5
Load capacitive
OUT
6
pF
Plastic package thermal conductivity
0.008
J/cm
•s•°C
Operating free-air temperature, TA
–10
45
°C
‡ Adjustment is required for optimum performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com