Electronic Components Datasheet Search
  English  ▼

X  

TC255P Datasheet(PDF) 12 Page - Texas Instruments

Part # TC255P
Description  PIXEL CCD IMAGE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC255P Datasheet(HTML) 12 Page - Texas Instruments

Back Button TC255P Datasheet HTML 8Page - Texas Instruments TC255P Datasheet HTML 9Page - Texas Instruments TC255P Datasheet HTML 10Page - Texas Instruments TC255P Datasheet HTML 11Page - Texas Instruments TC255P Datasheet HTML 12Page - Texas Instruments TC255P Datasheet HTML 13Page - Texas Instruments TC255P Datasheet HTML 14Page - Texas Instruments TC255P Datasheet HTML 15Page - Texas Instruments TC255P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057A – JUNE 1996 – REVISED MARCH 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
– 8.5 V
1.5 V to 2.5 V
– 8.5 V to – 10 V
0%
15 ns
10 ns
t
CCD Delay
SRG
OUT
90%
100%
Sample
and
Hold
Figure 8. SRG and CCD Output Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com