Electronic Components Datasheet Search
  English  ▼

X  

TC281 Datasheet(PDF) 8 Page - Texas Instruments

Part # TC281
Description  PIXEL CCD IMAGE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC281 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TC281 Datasheet HTML 4Page - Texas Instruments TC281 Datasheet HTML 5Page - Texas Instruments TC281 Datasheet HTML 6Page - Texas Instruments TC281 Datasheet HTML 7Page - Texas Instruments TC281 Datasheet HTML 8Page - Texas Instruments TC281 Datasheet HTML 9Page - Texas Instruments TC281 Datasheet HTML 10Page - Texas Instruments TC281 Datasheet HTML 11Page - Texas Instruments TC281 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058D – JUNE 1996 – REVISED MARCH 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
spurious nonuniformity specification
The spurious nonuniformity specification of the TC281 CCD grade – 30 is based on several performance
characteristics:
D Amplitude of the nonuniform line or pixel signal
D Polarity of the nonuniform pixel signal
–
Black
–
White
D Column signal amplitude
The CCD sensors are characterized in both an illuminated condition and a dark condition. In the dark condition,
the nonuniformity is specified in terms of absolute amplitude, as shown in Figure 6. In the illuminated condition,
the nonuniformity is specified as a percentage of the total amplitude, as shown in Figure 7.
PIXEL NONUNIFORMITY
COLUMN NONUNIFORMITY
PART NUMBER
DARK CONDITION
ILLUMINATED CONDITION
COLUMN AMPLITUDE
PIXEL AMPLITUDE, x (mV)
% OF TOTAL ILLUMINATION
x (mV)
TC281-30
<24
< 30%
< 0.6 mV
mV
Amplitude
t
Illumination
% of Total
t
Figure 6. Pixel Nonuniformity,
Figure 7. Pixel Nonuniformity,
Dark Condition
Illuminated Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com