Electronic Components Datasheet Search
  English  ▼

X  

TC281 Datasheet(PDF) 9 Page - Texas Instruments

Part # TC281
Description  PIXEL CCD IMAGE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC281 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TC281 Datasheet HTML 5Page - Texas Instruments TC281 Datasheet HTML 6Page - Texas Instruments TC281 Datasheet HTML 7Page - Texas Instruments TC281 Datasheet HTML 8Page - Texas Instruments TC281 Datasheet HTML 9Page - Texas Instruments TC281 Datasheet HTML 10Page - Texas Instruments TC281 Datasheet HTML 11Page - Texas Instruments TC281 Datasheet HTML 12Page - Texas Instruments TC281 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058D – JUNE 1996 – REVISED MARCH 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, ADB, CDB, TDB, Vgate, Vsource
SUB to SUB + 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, ODB
SUB to SUB + 21 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clock voltage range: IAG, SAG, SRG, TRG (see Note 1)
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clock input voltage range: RST
– 0 V to +10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
– 10
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package temperature for ensured operation
– 10
°C to 55°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Substrate at ground
recommended operating conditions
MIN
NOM
MAX
UNIT
ADB, CDB
11
12
13
Supply voltage, VCC
Vsource
12
V
Vgate
0
Image area clearing
Vclear
15
15.5
16
Supply voltage for ODB
Antiblooming control
Vabc
5
5.5
6
V
Parallel transfer
Vxfer
4
4.5
5
Supply current
ADB
3.5
5
mA
Substrate bias voltage
0
V
Image area gate IAG
High
1.5
2
2.5
Image area gate, IAG
Low
–10.5
– 10
– 9.5
Storage area gate SAG
High
1.5
2
2.5
Storage area gate, SAG
Low
–10.5
– 10
– 9.5
Clock voltage
Serial register gate SRG
High
1.5
2
2.5
V
Clock voltage
Serial register gate, SRG
Low
–10.5
– 10
– 9.5
V
Transfer gate TRG
High
1.5
2
2.5
Transfer gate, TRG
Low
–10.5
– 10
– 9.5
Reset gate RST
High
5
5
8
Reset gate, RST
Low
0
0
0.5
IAG, SAG
5
10
Clock frequency, fclock
SRG RST
40
MHz
TRG
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com