Electronic Components Datasheet Search
  English  ▼

X  

TCM8002 Datasheet(PDF) 13 Page - Texas Instruments

Part # TCM8002
Description  DATA PROCESSOR FOR CELLULAR TELEPHONE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM8002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCM8002 Datasheet HTML 9Page - Texas Instruments TCM8002 Datasheet HTML 10Page - Texas Instruments TCM8002 Datasheet HTML 11Page - Texas Instruments TCM8002 Datasheet HTML 12Page - Texas Instruments TCM8002 Datasheet HTML 13Page - Texas Instruments TCM8002 Datasheet HTML 14Page - Texas Instruments TCM8002 Datasheet HTML 15Page - Texas Instruments TCM8002 Datasheet HTML 16Page - Texas Instruments TCM8002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TCM8002
DATA PROCESSOR FOR CELLULAR TELEPHONE
SLWS008C − SEPTEMBER 1994 − REVISED JUNE 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
write address map
Table 2 shows the write address map. Table 3 through Table 12 explain control words listed in Table 2; the other
addresses are described in subsequent paragraphs.
Table 2. Write Address Map
ADDRESS
(7 BITS) HEX
NAME
FUNCTION
NO. OF
SIGNIFICANT
BITS
DEFAULT
VALUE
00
Control Word 1
Operational control word
8
00
01
Control Word 2
Operational control word
8
00
02
Control Word 3
Signal polarity selection
8
00
03
Interrupt Control Word 1
Interrupt enables
7
00
04
Interrupt Control Word 2
Interrupt enables
5
00
05
PIO1 Control Word
PIO1 direction selection
8
00
06
PIO1 Output Word
PIO1 values for outputs
8
00
07
PIO2 Control Word
PIO2 direction selection
8
00
08
PIO2 Output Word
PIO2 values for outputs
8
00
09
PIO3 Control Word
PIO3 direction selection
4
00
0A
PIO3 Output Word
PIO3 values for outputs
4
00
0B
PO4 Control Word
PO4 configuration selection
8
00
0C
PO4 Output Word
PO4 values for selected terminals
8
00
20
Commence TX
Commence TX command
0
—
21
Start Watchdog
Start/restart watchdog
0
—
22
Abort TX
Abort TX command
0
—
23
Clear TX Buffer
Clear TX buffer command
0
—
24
Restart Frame Sync
Restarted frame-sync command
0
—
25
Reset
Reset chip command
0
—
26
Reset Arbitration
Reset arbitration circuit
0
—
40
TX Data Word 0
TX data bits 35 − 32
4
00
41
TX Data Word 1
TX data bits 31 − 24
8
00
42
TX Data Word 2
TX data bits 23 − 16
8
00
43
TX Data Word 3
TX data bits 15 − 8
8
00
44
TX Data Word 4
TX data bits 7 − 0 (LSBs)
8
00
48
TCM8010 Interface Word 0
Read/write bit, address and D9 − D6
8
00
49
TCM8010 Interface Word 1
TCM8010 data bits D5 − D0
6
00
4D
Counter/Timer Coef
Coef and start command
8
00
50
SAT Coef
SAT circuit-time constant coefficient
5
20
51
DATAREC Coef 1
Acquisition coefficient
6
16
52
DATAREC Coef 2
Lock coefficient
6
63
53
Control Word 4
Operational control word
2
00
57
Mismatch
Frame mismatch coefficient
4
04
59
FOCC Dotting
Detect coefficient
4
07
5A
FVC Dotting
Detect coefficient
7
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com