Electronic Components Datasheet Search
  English  ▼

X  

CAT431L Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT431L
Description  Low-Voltage Adjustable Precision Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT431L Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT431L Datasheet HTML 3Page - Catalyst Semiconductor CAT431L Datasheet HTML 4Page - Catalyst Semiconductor CAT431L Datasheet HTML 5Page - Catalyst Semiconductor CAT431L Datasheet HTML 6Page - Catalyst Semiconductor CAT431L Datasheet HTML 7Page - Catalyst Semiconductor CAT431L Datasheet HTML 8Page - Catalyst Semiconductor CAT431L Datasheet HTML 9Page - Catalyst Semiconductor CAT431L Datasheet HTML 10Page - Catalyst Semiconductor CAT431L Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT431L
10
Doc. No. 4006, Rev. J
3 LEAD TO92
R = 0.1 max
NOTE : 1.0 All dimensions are in mm.
2.0 Dimension tolerance of 0.05 mm unless
otherwise specified.
3.0 Solder dipping finish @ 63/37 Sn/Pb.
4.0 Burrs in trim @ 0.13 mm max.
3.55 +/- 0.15
0.38
Branding surface
Round lead corners (R = 0.2)
0.405 +/- 0.045
0.53 max. (TRIM)
0.458 min
0.505 max
(for lead tip only)
2.04 - 2.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com