Electronic Components Datasheet Search
  English  ▼

X  

CAT431L Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT431L
Description  Low-Voltage Adjustable Precision Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT431L Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT431L Datasheet HTML 1Page - Catalyst Semiconductor CAT431L Datasheet HTML 2Page - Catalyst Semiconductor CAT431L Datasheet HTML 3Page - Catalyst Semiconductor CAT431L Datasheet HTML 4Page - Catalyst Semiconductor CAT431L Datasheet HTML 5Page - Catalyst Semiconductor CAT431L Datasheet HTML 6Page - Catalyst Semiconductor CAT431L Datasheet HTML 7Page - Catalyst Semiconductor CAT431L Datasheet HTML 8Page - Catalyst Semiconductor CAT431L Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT431L
3
Doc. No. 4006, Rev. J
ABSOLUTE MAXIMUM RATINGS
Cathode Voltage .................................................. 18V
REF Current ........................................................ 3mA
Cathode, Anode Currents ............................... 150mA
Operating Junction Temperature ..................... 150
°C
Lead Soldering Temperature (10 sec) ............. 260
°C
Storage Temperature Range ........... -65
°C to +150°C
ELECTRICAL CHARACTERISTICS
Electrical characteristics are guaranteed over the full operating temperature range of -40
°C to +85°C with a junction
temperature from -40
°C to +105°C unless otherwise specified. Ambient temperature must be de-rated based upon
power dissipation and package thermal characteristics.1
These are stress ratings only and functional operation is not
implied. Exposure to absolute maximum ratings for prolongued
time periods may affect device reliability. All voltages are with
respect to ground.
1.
Thermal Characteristics (
ΘJA)
3-lead, SOT-23: 336
°C/W
5-lead, SOT-23: 255
3-pin, TO-92: 155
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
V
F
E
R
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
V
=
H
T
A
C
5
2
° C4
3
2
.
10
4
2
.
16
4
2
.
1V
I
H
T
A
C
A
m
0
1
=P
M
E
T8
2
2
.
10
4
2
.
12
5
2
.
1V
∆V
F
E
R
n
o
i
t
a
i
v
e
d
e
r
u
t
a
r
e
p
m
e
T
F
E
R
V
42
1V
m
∆V
F
E
R
∆V
H
T
A
C
V
f
o
o
i
t
a
R
F
E
R
V
o
t
e
g
n
a
h
C
H
T
A
C
)
n
i
a
g
/
1
;
g
e
R
e
n
i
L
(
e
g
n
a
h
C
I
H
T
A
C
A
m
0
1
=
V
H
T
A
C
V
=
F
E
R
V
6
o
t
3
.
01
V
/
V
m
I
F
E
R
t
n
e
r
r
u
c
t
u
p
n
i
e
c
n
e
r
e
f
e
RI
H
T
A
C
A
m
0
1
=2
.
04
.
0A
µ
∆I
F
E
R
I
F
E
R
n
o
i
t
a
i
v
e
D
e
r
u
t
a
r
e
p
m
e
T
4
0
.
02
.
0A
µ
I
)
n
i
m
(
H
T
A
C
t
n
e
r
r
u
C
e
d
o
h
t
a
C
m
u
m
i
n
i
M
8
10
4A
µ
I
)
F
F
O
(
H
T
A
C
t
n
e
r
r
u
C
e
d
o
h
t
a
C
e
t
a
t
S
-
f
f
OV
F
E
R
V
;
V
0
=
H
T
A
C
V
6
1
=0
0
1A
n
r
H
T
A
C
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
c
i
m
a
n
y
D
I
H
T
A
C
A
m
0
0
1
o
t
1
.
0
=
z
H
k
0
.
1
=
f
3
.
04
.
0
Ω
Recommended Operating Conditions
r
e
t
e
m
a
r
a
Pn
i
Mx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
e
d
o
h
t
a
CF
E
R
V6
V
t
n
e
r
r
u
C
e
d
o
h
t
a
C1
.
05
1A
m
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
O0
4
-5
8C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com