Electronic Components Datasheet Search
  English  ▼

X  

IRU1175CS Datasheet(PDF) 4 Page - International Rectifier

Part # IRU1175CS
Description  7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1175CS Datasheet(HTML) 4 Page - International Rectifier

  IRU1175CS Datasheet HTML 1Page - International Rectifier IRU1175CS Datasheet HTML 2Page - International Rectifier IRU1175CS Datasheet HTML 3Page - International Rectifier IRU1175CS Datasheet HTML 4Page - International Rectifier IRU1175CS Datasheet HTML 5Page - International Rectifier IRU1175CS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-82
Rev. 1.2
11/29/99
IRU1175
APPLICATION INFORMATION
Introduction
The IRU1175 adjustable regulator is a five-terminal de-
vice designed specificaly to provide extremely low drop-
out voltages comparable to the PNP type without the
disadvantage of the extra power dissipation due to the
base current associated with PNP regulators.This is done
by bringinging out the control pin of the regulator that
provides the base current to the power NPN and con-
necting it to a voltage that is grater than the voltage present
at the Vin pin.This flexibility makes the IRU1175 ideal
for applications where dual inputs are available such as
a computer motherboard with an ATX style power sup-
ply that provides 5V and 3.3V to the board. One such
application is the new graphic chipsets that require any-
where from 2.4V to 2.7V supply such as the Intel I740
chipset. The IRU1175 can easily be programmed with
the addition of two external resistors to any voltages
within the range of 1.25 to 5.5 V. Another major require-
ment of these graphic chips is the need to switch the
load current from zero to several amps in tens of nano-
seconds at the processor pins, which translates to an
approximately 300 to 500nS of current step at the regu-
lator. In addition, the output voltage tolerances are also
extremely tight and they include the transient response
as part of the specification.
The IRU1175 is specifically designed to meet the fast
current transient needs as well as providing an accurate
initial voltage, reducing the overall system cost with the
need for fewer number of output capacitors. Another fea-
ture of the device is its true remote sensing capability
which allows accurate voltage setting at the load rather
than at the device.
Output Voltage Setting
The IRU1175 can be programmed to any voltages in the
range of 1.25V to 5.5V with the addition of R1 and R2
external resistors according to the following formula:
Figure 2 - Typical application of the IRU1175 for
programming the output voltage
BLOCK DIAGRAM
V
V
R
R
I
R
Wehre : V
V Typically
OUT
REF
ADJ
=
+


+
×
1
125
2
1
2
= .
Figure 1 - Simplified block diagram of the IRU1175
Where: VREF=1.25V Typically
IADJ=50
µA Typically
R1 & R2 as shown in Figure 2
1504
Vctrl
Vin
Vsense
1175blk1-1.0
Adj
Vout
THERMAL
SHUTDOWN
CURRENT
LIMIT
1.25V
+
+
Vout
1175app2-1.0
R1
R2
Vin
Vctrl
Vref
IAdj = 50uA
IRU1175
Vsense
Adj
Vout
Vctrl
Vin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com