Electronic Components Datasheet Search
  English  ▼

X  

IRU1175CS Datasheet(PDF) 1 Page - International Rectifier

Part # IRU1175CS
Description  7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1175CS Datasheet(HTML) 1 Page - International Rectifier

  IRU1175CS Datasheet HTML 1Page - International Rectifier IRU1175CS Datasheet HTML 2Page - International Rectifier IRU1175CS Datasheet HTML 3Page - International Rectifier IRU1175CS Datasheet HTML 4Page - International Rectifier IRU1175CS Datasheet HTML 5Page - International Rectifier IRU1175CS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRU1175
2-79
Rev. 1.2
11/29/99
7.5A ULTRA LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR
The IRU1175 is a 7.5A regulator with extremely low drop-
out voltage using a proprietary bipolar process that
achieves comparable equivalent on resistance to that of
discrete MOSFETs. This product is specifically designed
to provide well regulated supply for applications requir-
ing very low dropout such as 2.8V from 3.3V ATX power
supplies where the same efficiency as the switcher can
be achieved without the cost and complexity associ-
ated with switching regulators. One such application is
the new graphic chipsets that requires 2.7V supply such
as the Intel I740 chipset.
DESCRIPTION
0.5V Dropout at 7.5A (Equivalent of 67m
Ω)
Fast Transient Response
1% Voltage Reference Initial Accuracy
Built-in Thermal Shutdown
PRELIMINARY DATASHEET
APPLICATIONS
FEATURES
3.3V to 2.7V Intel I740 chipset
TYPICAL APPLICATION
Typical application of IRU1175
PACKAGE ORDER INFORMATION
Tj (
°C)
5-PIN PLASTIC
5-PIN PLASTIC
8-PIN PLASTIC
TO-263 (M)
ULTRA THIN-PAK (P)
SOIC (S)
0 TO 125
IRU1175CM
IRU1175CP
IRU1175CS
3.3V
IRU1175
2.7V
C1
C3
1175app1-1.0
5V
C2
R1
R2
1
2
3
4
5
Vsense
Adj
Vout
Vctrl
Vin
100uF
100uF
10uF
100
1%
124
1%


Similar Part No. - IRU1175CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
IRU1176CM IRF-IRU1176CM Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
IRU1176CP IRF-IRU1176CP Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
More results

Similar Description - IRU1175CS

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1176 UNISEM-US1176 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com