Electronic Components Datasheet Search
  English  ▼

X  

2N6660 Datasheet(PDF) 3 Page - Microchip Technology

Part # 2N6660
Description  N-Channel, Enhancement-Mode, Vertical DMOS FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2N6660 Datasheet(HTML) 3 Page - Microchip Technology

  2N6660 Datasheet HTML 1Page - Microchip Technology 2N6660 Datasheet HTML 2Page - Microchip Technology 2N6660 Datasheet HTML 3Page - Microchip Technology 2N6660 Datasheet HTML 4Page - Microchip Technology 2N6660 Datasheet HTML 5Page - Microchip Technology 2N6660 Datasheet HTML 6Page - Microchip Technology 2N6660 Datasheet HTML 7Page - Microchip Technology 2N6660 Datasheet HTML 8Page - Microchip Technology 2N6660 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 2016 Microchip Technology Inc.
DS20005509A-page 3
2N6660
Note 1: ID (continuous) is limited by max rated TJ.
2.0
PIN DESCRIPTION
The locations of the pins are listed in Package Types
and Packaging Information.
THERMAL CHARACTERISTICS
Package
ID(1)
continuous
(mA)
ID
pulsed
(A)
Power
Dissipation
@TA = 25°C (W)
IDR(1)
(mA)
IDRM
(A)
TO-39
410
3.0
6.25
410
3.0
Product Summary
BVDSX/BVDGS
(V)
RDS(ON)
(max) (Ω)
IDSS
(min) (A)
60
3.0
1.5
TABLE 2-1:
PIN DESCRIPTION
Pin # TO-39
Function
1
SOURCE
2GATE
3
DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com