Electronic Components Datasheet Search
  English  ▼

X  

MAC12 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC12
Description  Sensitive Gate Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC12 Datasheet(HTML) 1 Page - ON Semiconductor

  MAC12 Datasheet HTML 1Page - ON Semiconductor MAC12 Datasheet HTML 2Page - ON Semiconductor MAC12 Datasheet HTML 3Page - ON Semiconductor MAC12 Datasheet HTML 4Page - ON Semiconductor MAC12 Datasheet HTML 5Page - ON Semiconductor MAC12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2003
April, 2003 - Rev. 2
1
Publication Order Number:
MAC12SM/D
MAC12SM, MAC12SN
Preferred Device
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
Designed for industrial and consumer applications for full wave
control of ac loads such as appliance controls, heater controls, motor
controls, and other power switching applications.
• Sensitive Gate Allows Triggering by Microcontrollers and other
Logic Circuits
• Blocking Voltage to 800 Volts
• On-State Current Rating of 12 Amperes RMS at 70°C
• High Surge Current Capability - 90 Amperes
• Rugged, Economical TO220AB Package
• Glass Passivated Junctions for Reliability and Uniformity
• Maximum Values of I
GT, VGT and IH Specified for Ease of Design
• High Commutating di/dt - 8.0 A/ms Minimum at 110°C
• Immunity to dV/dt - 15 V/msec Minimum at 110°C
• Operational in Three Quadrants: Q1, Q2, and Q3
• Device Marking: Logo, Device Type, e.g., MAC12SM, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage (Note 1)
(TJ = -40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
MAC12SM
MAC12SN
VDRM,
VRRM
600
800
V
On-State RMS Current
(All Conduction Angles; TC = 70°C)
IT(RMS)
12
A
Peak Non-Repetitive Surge Current
(One Full Cycle Sine Wave, 60 Hz,
TJ = 110°C)
ITSM
90
A
Circuit Fusing Consideration
(t = 8.33 ms)
I2t
33
A2sec
Peak Gate Power
(Pulse Width = 1.0
msec, TC = 70°C)
PGM
16
W
Average Gate Power
(t = 8.3 msec, TC = 70°C)
PG(AV)
0.35
W
Operating Junction Temperature Range
TJ
- 40 to
110
°C
Storage Temperature Range
Tstg
- 40 to
150
°C
1. (VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
12 AMPERES RMS
600 thru 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MAC12SM
TO220AB
50 Units/Rail
MAC12SN
TO220AB
TO-220AB
CASE 221A
Style 4
1
2
3
4
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
http://onsemi.com
50 Units/Rail
MT1
G
MT2
MARKING
DIAGRAM
xx
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW = Work Week
MAC12xx
ALYWW


Similar Part No. - MAC12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC12 MOTOROLA-MAC12 Datasheet
41Kb / 2P
TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
logo
Digitron Semiconductors
MAC120A-5 DIGITRON-MAC120A-5 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
Motorola, Inc
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
logo
ON Semiconductor
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MAC12D KERSEMI-MAC12D Datasheet
414Kb / 6P
Silicon Bidirectional Thyristors
More results

Similar Description - MAC12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
Triacs sensitive gate
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com