Electronic Components Datasheet Search
  English  ▼

X  

MAC12 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC12
Description  Sensitive Gate Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC12 Datasheet(HTML) 2 Page - ON Semiconductor

  MAC12 Datasheet HTML 1Page - ON Semiconductor MAC12 Datasheet HTML 2Page - ON Semiconductor MAC12 Datasheet HTML 3Page - ON Semiconductor MAC12 Datasheet HTML 4Page - ON Semiconductor MAC12 Datasheet HTML 5Page - ON Semiconductor MAC12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAC12SM, MAC12SN
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance -
Junction to Case
-
Junction to Ambient
RqJC
RqJA
2.2
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 110°C
IDRM,
IRRM
-
-
-
-
0.01
2.0
mA
ON CHARACTERISTICS
Peak On-State Voltage(1)
(ITM = ± 17 A)
VTM
-
-
1.85
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(-)
MT2(-), G(-)
IGT
-
-
-
1.5
2.5
2.7
5.0
5.0
5.0
mA
Holding Current
(VD = 12 V, Gate Open, Initiating Current = ±200 mA)
IH
-
2.5
10
mA
Latching Current (VD = 12 V, IG = 5 mA)
MT2(+), G(+)
MT2(+), G(-)
MT2(-), G(-)
IL
-
-
-
3.0
5.0
3.0
15
20
15
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(-)
MT2(-), G(-)
VGT
0.45
0.45
0.45
0.68
0.62
0.67
1.5
1.5
1.5
V
DYNAMIC CHARACTERISTICS
Critical Rate of Change of Commutating Current
(VD = 400 V, ITM = 3.5 A, Commutating dV/dt = 10 V/ms, Gate Open,
TJ = 110°C, f = 500 Hz, Snubber: Cs = 0.01 mf, Rs = 15 W)
(di/dt)c
8.0
10
-
A/ms
Critical Rate of Rise of Off-State Voltage
(VD = 67% VDRM, Exponential Waveform, RGK = 1 KW,
TJ = 110°C)
dV/dt
15
40
-
V/
ms
Repetitive Critical Rate of Rise of On-State Current
IPK = 50 A; PW = 40
msec; diG/dt = 1 A/msec; Igt = 100 mA;
f = 60 Hz
di/dt
-
-
10
A/
ms
2. Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com