Electronic Components Datasheet Search
  English  ▼

X  

TFP501 Datasheet(PDF) 11 Page - Texas Instruments

Part # TFP501
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TFP501 Datasheet HTML 7Page - Texas Instruments TFP501 Datasheet HTML 8Page - Texas Instruments TFP501 Datasheet HTML 9Page - Texas Instruments TFP501 Datasheet HTML 10Page - Texas Instruments TFP501 Datasheet HTML 11Page - Texas Instruments TFP501 Datasheet HTML 12Page - Texas Instruments TFP501 Datasheet HTML 13Page - Texas Instruments TFP501 Datasheet HTML 14Page - Texas Instruments TFP501 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TFP501
www.ti.com
SLDS127C
– JULY 2001 – REVISED JULY 2011
Three TMDS channels are used to receive RGB pixel data during active display time, DE = High. These same
three channels are also used to receive HSYNC, VSYNC, CTL3, and two user definable control signals,
CTL[2:1], during inactive display or blanking interval (DE = Low). The following table maps the received input
data to the appropriate TMDS input channel in a DVI-compliant system.
RECEIVED PIXEL DATA
OUTPUT PINS
INPUT CHANNEL
ACTIVE DISPLAY DE = HIGH
(VALID FOR DE = HIGH)
Red[7:0]
Channel
– 2 (Rx2 ±)
QE[23:16] QO[23:16]
Green[7:0]
Channel
– 1 (Rx1 ±)
QE[15:8] QO[15:8]
Blue[7:0]
Channel
– 0 (Rx0 ±)
QE[7:0] QO[7:0]
RECEIVED CONTROL DATA
OUTPUT PINS
TMDS INPUT CHANNEL
BLANKING DE = LOW
(VALID FOR DE = LOW)
CTL[3:2] (1)
Channel
– 2 (Rx2 ±)
CTL2
CTL[1:](1)
Channel
– 1 (Rx1 ±)
CTL1
HSYNC, VSYNC
Channel
– 0 (Rx0 ±)
HSYNC, VSYNC
(1)
Some TMDS transmitters transmit a CTL0 signal. The TFP501 decodes and transfers CTL[32:1] and ignores CTL0 characters. CTL3 is
used internally to enabl HDCP decryption. CTL3 and CTL0 are not available as a TFP4501 outputs.
The TFP501 discriminates between valid pixel TMDS characters and control TMDS characters to determine the
state of active display versus blanking, i.e., state of DE.
HIG-BANDWIDTH DIGITAL CONTENT PROTECTION (HDCP) OVERVIEW
TI's HDCP transmitters and receivers use up to three cipher engines to protect information that may be externally
accessible to the user.
The downstream encryption described in the specification high-bandwidth digital content protection system
Revision 1.0 is used to protect video data passing from the HDCP transmitter to the HDCP receiver via a DVI
link. The HDCP transmitter encrypts video data and the receiver decrypts the data as shown inFigure 13.
The HDCP keys must also be protected from access. TI has chosen to avoid the inconvenience and possible
circuit board damage from using epoxy or other barriers between the EEPROM and DVI receiver. An encryption
scheme is used to protect the HDCP device key values passing from an off-chip EEPROM to the HDCP receiver
via a dedicated I2C interface. When the HDCP device keys are needed, the encrypted values are read from the
EEPROM, decrypted, and used to enable HDCP functionality. TI's HDCP solution provides real advantages with
respect to lower systems level cost, ease of implementation, high performance, and exceptional security.
Copyright
© 2001–2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com