Electronic Components Datasheet Search
  English  ▼

X  

TFP501 Datasheet(PDF) 13 Page - Texas Instruments

Part # TFP501
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TFP501 Datasheet HTML 9Page - Texas Instruments TFP501 Datasheet HTML 10Page - Texas Instruments TFP501 Datasheet HTML 11Page - Texas Instruments TFP501 Datasheet HTML 12Page - Texas Instruments TFP501 Datasheet HTML 13Page - Texas Instruments TFP501 Datasheet HTML 14Page - Texas Instruments TFP501 Datasheet HTML 15Page - Texas Instruments TFP501 Datasheet HTML 16Page - Texas Instruments TFP501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
_
+
Internal
Termination at 50 Ω
AVCC
DVI-Compliant Cable
DATA
DATA
TI TFP501 Receiver
TI TFP510 Transmitter
Current
Source
1/2 VID
AVCC
AVCC - 1/2 VID
+ 1/2 VID
- 1/2 VID
VID
a ) Single-Ended Input Signal
b) Differential Input Signal
TFP501
www.ti.com
SLDS127C
– JULY 2001 – REVISED JULY 2011
TFP501 TMDS INPUT LEVELS AND INPUT IMPEDANCE MATCHING
The TMDS inputs to the TFP501 receiver have a fixed single-ended input termination impedance to AVDD. The
TFP501 is internally optimized using a laser trim process to precisely fix the single-ended termination impedance
at 50
Ω. This fixed impedance eliminates the need for external termination resistors while providing optimum
impedance matching to standard DVI cables having a characteristic impedance of 100
Ω.
Figure 14 shows a conceptual schematic of a TFP510 transmitter and TFP501 receiver connection. The TFP510
transmitter drives the twisted-pair cable via a current source, usually achieved with an open-drain type output
driver. The internal single-ended termination resistors, which are matched to the characteristic impedance of the
DVI cable, provide a pullup to AVDD. Naturally, when the transmitter is disconnected and the TFP501 DVI inputs
are left unconnected, the TFP501 receiver inputs are pulled up to AVDD. The single-ended differential signal and
full differential signal is shown in Figure 15. The TFP501 is designed to respond to differential signal swings
ranging from 150 mV to 1.56 V with common mode voltages ranging from (AVDD–300 mV) to (AVDD–37 mV).
Figure 14. TMDS Differential Input and Transmitter Connection
Figure 15. TMDS Inputs
TFP501 MODES OF OPERATION
The TFP501 provides system design flexibility and value by providing the system designer with configurable
options or modes of operation to support varying system architectures. The following table outlines the various
panel modes that can be supported along with appropriate external control pin settings.
PANEL
PIXEL RATE
ODCK LATCH EDGE
ODCK
DFO
PIXS
OCK_INV
TFT or 16-bit DSTN
1 pixel/clock
Falling
Free run
0
0
0
TFT or 16-bit DSTN
1 pixel/clock
Rising
Free run
0
0
1
TFT
2 pixel/clock
Falling
Free run
0
1
0
TFT
2 pixel/clock
Rising
Free run
0
1
1
24-bit DSTN
1 pixel/clock
Falling
Gated low
1
0
0
NONE
1 pixel/clock
Rising
Gated low
1
0
1
Copyright
© 2001–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com