Electronic Components Datasheet Search
  English  ▼

X  

THS4271D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271D
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4271D Datasheet(HTML) 2 Page - Texas Instruments

  THS4271D Datasheet HTML 1Page - Texas Instruments THS4271D Datasheet HTML 2Page - Texas Instruments THS4271D Datasheet HTML 3Page - Texas Instruments THS4271D Datasheet HTML 4Page - Texas Instruments THS4271D Datasheet HTML 5Page - Texas Instruments THS4271D Datasheet HTML 6Page - Texas Instruments THS4271D Datasheet HTML 7Page - Texas Instruments THS4271D Datasheet HTML 8Page - Texas Instruments THS4271D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
THS4271
THS4275
SLOS397F – JULY 2002 – REVISED OCTOBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION(1)
ORDERABLE PACKAGE AND NUMBER
LEADLESS
PLASTIC MSOP (2)
PLASTIC MSOP (2)
MSOP 8 (3)
PowerPAD
PLASTIC
SMALL OUTLINE (D) (2)
PACKAGE
(DRB)
(DGN)
PACKAGE MARKING
(DGK)
MARKING
THS4271D
THS4271DRBT
THS4271DGN
THS4271DGK
BFQ
BEY
THS4271DR
THS4271DRBR
THS4271DGNR
THS4271DGKR
THS4275D
THS4275DRBT
THS4275DGN
THS4275DGK
BFR
BJD
THS4275DR
THS4275DRBR
THS4275DGNR
THS4275DGKR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
All packages are available taped and reeled. The R suffix standard quantity is 2500 (for example, THS4271DGNR).
(3)
All packages are available taped and reeled. The R suffix standard quantity is 3000. The T suffix standard quantity is 250 (for example,
THS4271DRBT).
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range unless otherwise noted
(1)
UNIT
VS
Supply voltage
16.5 V
VI
Input voltage
±VS
IO
(2)
Output current
100 mA
Continuous power dissipation
See Dissipation Ratings Table
TJ
Maximum junction temperature
+150°C
TJ
(2)
Maximum junction temperature, continuous operation long term reliability
+125°C
TJ
(3)
Maximum junction temperature to prevent oscillation
+60°C
Tstg
Storage temperature range
–65°C to +150°C
HBM
3000 V
ESD ratings
CDM
1500 V
MM
1000 V
(1)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process. Stresses above these
ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not
implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
(3)
See Maximum Die Temperature to Prevent Oscillation section in the Application Information of this data sheet.
PACKAGE DISSIPATION RATINGS
θJC
θJA
(1)
PACKAGE
(°C/W)
(°C/W)
D (8 pin)
38.3
97.5
DGN (8 pin)(2)
4.7
58.4
DGK (8 pin)
54.2
260
DRB (8 pin)(2)
5
45.8
(1)
These data were taken using the JEDEC standard High-K test PCB.
(2)
The THS4271/5 may incorporate a PowerPAD™ on the underside of the chip. This feature acts as a
heat sink and must be connected to a thermally dissipative plane for proper power dissipation. Failure
to do so may result in exceeding the maximum junction temperature which could permanently damage
the device. See TI technical briefs SLMA002 and SLMA004 for more information about utilizing the
PowerPAD thermally enhanced package.
2
Submit Documentation Feedback
Copyright © 2002–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4271 THS4275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com