Electronic Components Datasheet Search
  English  ▼

X  

THS4271D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271D
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4271D Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4271D Datasheet HTML 9Page - Texas Instruments THS4271D Datasheet HTML 10Page - Texas Instruments THS4271D Datasheet HTML 11Page - Texas Instruments THS4271D Datasheet HTML 12Page - Texas Instruments THS4271D Datasheet HTML 13Page - Texas Instruments THS4271D Datasheet HTML 14Page - Texas Instruments THS4271D Datasheet HTML 15Page - Texas Instruments THS4271D Datasheet HTML 16Page - Texas Instruments THS4271D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
0
20
40
60
80
100
120
−40−30−20−100
10 20 30 40 50 60 70 80 90
Case Temperature −
°C
PSRR+
VS = ±5 V
PSRR−
CMMR
0
10
20
30
40
50
60
70
80
90
100
−6
−4
−2
0
2
4
6
Input Common-Mode Range − V
VS = ±5 V
TA = 25°C
0
1
2
3
4
5
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = 5 V
VS = ±5 V
TC − Case Temperature − °C
0
1
2
3
4
5
6
7
8
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
1.09
1.1
1.11
1.12
1.13
1.14
1.15
1.16
1.17
TC − Case Temperature − °C
VS = ±5 V
IIB−
IIB+
IOS
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0
2
4
6
t − Time − ns
Gain = −1
RL = 499 Ω
Rf = 249 Ω
tr/tf = 300 ps
VS = ±5 V
8
10
12
14
16
−1.5
−1
−0.5
0
0.5
1
1.5
0
2
4
6
8
10
12 14
16 18
t − Time − ns
Gain = −1
RL = 499 Ω
Rf = 249 Ω
tr/tf = 300 ps
VS = ±5 V
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
t − Time −
µs
VS = ±5 V
0.001
0.01
0.1
1
10
100
1000
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 1
RL = 499 Ω
PIN = −1 dBm
VS = ±5 V
0
200
400
600
800
1000
1200
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − ±V
TA = 85°C
TA = 25°C
TA = −40°C
THS4271
THS4275
www.ti.com
SLOS397F – JULY 2002 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS: ±5 V (continued)
REJECTION RATIOS
COMMON-MODE REJECTION RATIOS
INPUT OFFSET VOLTAGE
vs
vs
vs
FREQUENCY
INPUT COMMON-MODE RANGE
CASE TEMPERATURE
Figure 28.
Figure 29.
Figure 30.
INPUT BIAS AND OFFSET
CURRENT
vs
SMALL-SIGNAL TRANSIENT
LARGE-SIGNAL TRANSIENT
CASE TEMPERATURE
RESPONSE
RESPONSE
Figure 31.
Figure 32.
Figure 33.
CLOSED-LOOP OUTPUT
POWER-DOWN QUIESCENT
IMPEDANCE
CURRENT
vs
vs
OVERDRIVE RECOVERY
FREQUENCY
SUPPLY VOLTAGE
Figure 34.
Figure 35.
Figure 36.
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4271 THS4275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com