Electronic Components Datasheet Search
  English  ▼

X  

OPA655 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA655
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA655 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA655 Datasheet HTML 17Page - Texas Instruments OPA655 Datasheet HTML 18Page - Texas Instruments OPA655 Datasheet HTML 19Page - Texas Instruments OPA655 Datasheet HTML 20Page - Texas Instruments OPA655 Datasheet HTML 21Page - Texas Instruments OPA655 Datasheet HTML 22Page - Texas Instruments OPA655 Datasheet HTML 23Page - Texas Instruments OPA655 Datasheet HTML 24Page - Texas Instruments OPA655 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
THS4601
SLOS388B − OCTOBER 2001 − REVISED JUNE 2002
21
www.ti.com
APPLICATION INFORMATION
power dissipation and thermal characteristics
The THS4601 does not incorporate automatic thermal shutoff protection, so the designer must take care to
ensure that the design does not violate the absolute maximum junction temperature of the device. Failure may
result if the absolute maximum junction temperature of 150
°C is exceeded.
The thermal characteristics of the device are dictated by the package and the PC board. Maximum power
dissipation for a given package can be calculated using the following formula.
P
Dmax +
Tmax–TA
q
JA
Where:
PDmax is the maximum power dissipation (W)
Tmax is the absolute maximum junction temperature (°C)
TA is the ambient temperature (°C)
θJA is the thermal coefficient from the silicon junctions to the ambient air (°C/W)
For systems where heat dissipation is more critical, the THS4601 is offered in an 8-pin SOIC with PowerPAD.
The thermal coefficient for the SOIC PowerPAD is substantially improved over the traditional SOIC. Maximum
power dissipation levels are depicted in the graph for the two packages. The data for the 8DDA package
assumes a board layout that follows the PowerPAD layout guidelines.
0
0.5
1
1.5
2
2.5
3
−40
−20
0
20
40
60
80
8DDA Package
8D Package
θJA = 170°C/W for 8D,
θJA = 66.6°C/W for 8DDA
Ambient Temperature −
°C
MAXIMUM POWER DISSIPATION
vs
TEMPERATURE
Figure 40
When determining whether or not the device satisfies the maximum power dissipation requirement, it is
important to not only consider quiescent power dissipation, but also dynamic power dissipation. Often times,
this is difficult to quantify because the signal pattern is inconsistent, but an estimate of the RMS power
dissipation can provide visibility into a possible problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com