Electronic Components Datasheet Search
  English  ▼

X  

OPA655 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA655
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA655 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA655 Datasheet HTML 9Page - Texas Instruments OPA655 Datasheet HTML 10Page - Texas Instruments OPA655 Datasheet HTML 11Page - Texas Instruments OPA655 Datasheet HTML 12Page - Texas Instruments OPA655 Datasheet HTML 13Page - Texas Instruments OPA655 Datasheet HTML 14Page - Texas Instruments OPA655 Datasheet HTML 15Page - Texas Instruments OPA655 Datasheet HTML 16Page - Texas Instruments OPA655 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
THS4601
SLOS388B − OCTOBER 2001 − REVISED JUNE 2002
13
www.ti.com
APPLICATION INFORMATION
designing the transimpedance circuit (continued)
As indicated, the current source typically sets the requirements for gain, speed, and dynamic range of the
amplifier. For a given amplifier and source combination, achievable performance is dictated by the following
parameters: the amplifier’s gain-bandwidth product, the amplifier’s input capacitance, the source capacitance,
the transimpedance gain, the amplifier’s slew rate, and the amplifier’s output swing. From this information, the
optimal performance of a transimpedance circuit using a given amplifier can be determined. Optimal is defined
here as providing the required transimpedance gain with a maximally flat frequency response.
For the circuit shown in Figure 26, all but one of the design parameters is known; the feedback capacitor must
be determined. Proper selection of the feedback capacitor prevents an unstable design, controls pulse
response characteristics, provides maximally flat transimpedance bandwidth, and limits broadband integrated
noise. The maximally flat frequency response results with CF calculated as shown in equation 1, where CF is
the feedback capacitor, RF is the feedback resistor, CS is the total source capacitance (including amplifier input
capacitance and parasitic capacitance at the inverting node), and GBP is the gain-bandwidth product of the
amplifier in hertz.
C
F +
1
pR
F
GBP
)
1
pR
F
GBP
2
)
4C
S
pR
F
GBP
2
Once the optimal feedback capacitor has been selected, the transimpedance bandwidth can be calculated with
equation 2.
F
–3 dB +
GBP
2
pR
F CS )
C
F
_
+
CIDIFF
CICM
CP
RF
CF
CD
IDIODE
NOTE: The total source capacitance is the sum of several distinct capacitances.
Cs = CICM + CIDIFF + CP + CD
Where: CICM is the common-mode input capacitance.
CIDIFF is the differential input capacitance.
CD is the diode capacitance.
CP is parasitic capacitance at the inverting node.
Figure 27. Transimpedance Analysis Circuit
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com