Electronic Components Datasheet Search
  English  ▼

X  

TIBPAL22V10AMFKB Datasheet(PDF) 9 Page - Texas Instruments

Part # TIBPAL22V10AMFKB
Description  HIGH-PERFORMANCE IMPACT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10AMFKB Datasheet(HTML) 9 Page - Texas Instruments

Back Button TIBPAL22V10AMFKB Datasheet HTML 5Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 6Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 7Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 8Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 9Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 10Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 11Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 12Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IIL
VCC = 5.25 V,
VI = 0.4 V
μA
UNIT
TEST CONDITIONS
PARAMETER
TEST CONDITIONS
PARAMETER
UNIT
TIBPAL22V10C, TIBPAL22V10AC
HIGH-PERFORMANCE
IMPACT ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS024A − OCTOBER 1986 − REVISED APRIL 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
9
electrical characteristics over recommended operating free-air temperature range
TIBPAL22V10C
TIBPAL22V10AC
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.75 V,
II = − 18 mA
− 1.2
− 1.2
V
VOH
VCC = 4.75 V,
IOH = − 3.2 mA
2.4
3.5
2.4
3.5
V
VOL
VCC = 4.75 V,
IOL = 16 mA
0.35
0.5
0.35
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.7 V
0.1
0.1
mA
Any output
− 100
− 100
Any I/O
− 250
− 250
II
VCC = 5.25 V,
VI = 5.5 V
1
1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
25
25
μA
IIL
VCC = 5.25 V,
VI = 0.4 V
− 0.25
− 0.25
mA
IOS‡
VCC = 5.25 V,
VO = 0.5 V
−30
−90
−30
−90
mA
ICC
VCC = 5.25 V,
VI = GND,
Outputs open
120
180
120
180
mA
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
FROM
TO
TIBPAL22V10C
TIBPAL22V10AC
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
TYP†
MAX
fmax¶
With feedback
18
28.5
MHz
tpd
I, I/O
I/O
R1 = 300
Ω,
15
35
15
25
ns
tpd
I, I/O (reset)
Q
R2 = 390
Ω,
15
40
15
30
ns
tpd
CLK
Q
See Figure 4
10
25
10
15
ns
ten
I, I/O
I/O, Q
15
35
15
25
ns
tdis
I, I/O
I/O, Q
15
35
15
25
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
fmax (with feedback) =
1
tsu ) tpd(CLK to Q)
, fmax (without feedback) =
1
tw(low) ) tw(high)
TIBPAL22V10AM is Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com