Electronic Components Datasheet Search
  English  ▼

X  

TIBPAL22V10AMFKB Datasheet(PDF) 14 Page - Texas Instruments

Part # TIBPAL22V10AMFKB
Description  HIGH-PERFORMANCE IMPACT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10AMFKB Datasheet(HTML) 14 Page - Texas Instruments

Back Button TIBPAL22V10AMFKB Datasheet HTML 10Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 11Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 12Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 13Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 14Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 15Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 16Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 17Page - Texas Instruments TIBPAL22V10AMFKB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TIBPAL22V10C, TIBPAL22V10AC, TIBPAL22V10AM
HIGH-PERFORMANCE
IMPACT ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS024A − OCTOBER 1986 − REVISED APRIL 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
14
PARAMETER MEASUREMENT INFORMATION
tsu
S1
R2
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE OUTPUTS
(3.5 V) [3 V]
(0.3 V) [0]
1.5 V
1.5 V
th
1.5 V
tpd
tpd
tpd
tpd
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOH
VOH
VOL
VOL
1.5 V
1.5 V
1.5 V
1.5 V
tw
1.5 V
1.5 V
≈ 3.3 V
VOL
VOH
VOH −0.5 V
≈ 0 V
ten
ten
tdis
tdis
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATIONS
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
R1
VOL +0.5 V
5 V
(3.5 V) [3 V]
(0.3 V) [0]
(3.5 V) [3 V]
(0.3 V) [0]
(3.5 V) [3 V]
(0.3 V) [0]
(3.5 V) [3 V]
(0.3 V) [0]
(3.5 V) [3 V]
(0.3 V) [0]
From Output
Under Test
Test
Point
Input
Out-of-Phase
Output
(see Note D)
Timing
Input
Data
Input
In-Phase
Output
High-Level
Pulse
Low-Level
Pulse
Output
Control
(low−level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
NOTES: A. CL includes probe and jig capacitance and is 50 pF for tpd and ten, 5 pF for tdis.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2
is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses have the following characteristics: For C suffix, use the voltage levels indicated in parentheses ( ). PRR
≤ 1 MHz,
tr = tf ≤ 2 ns, duty cycle = 50%. For M suffix, use the voltage levels indicated in brackets [ ]. PRR ≤ 10 MHz, tr and tf ≤ 2 ns,
duty cycle = 50%.
D. When measuring propagation delay times of 3-state outputs, switch S1 is closed.
E. Equivalent loads may be used for testing.
Figure 4. Load Circuit and Voltage Waveforms
TIBPAL22V10AM is Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com