Electronic Components Datasheet Search
  English  ▼

X  

THS6002 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS6002
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS6002 Datasheet HTML 17Page - Texas Instruments THS6002 Datasheet HTML 18Page - Texas Instruments THS6002 Datasheet HTML 19Page - Texas Instruments THS6002 Datasheet HTML 20Page - Texas Instruments THS6002 Datasheet HTML 21Page - Texas Instruments THS6002 Datasheet HTML 22Page - Texas Instruments THS6002 Datasheet HTML 23Page - Texas Instruments THS6002 Datasheet HTML 24Page - Texas Instruments THS6002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
2
0
−4
−6
SLEWING10-VPULSE
t − Time − ns
0
50
100
150
200
−2
8
6
4
−8
250
SR=1400V/ms
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+5
RF = 1.1kΩ
RL = 25 Ω
TR/TF =1ns
25
75
125
175
225
4
0
−8
−12
SLEWING20-VPULSE
t − Time − ns
0
50
100
150
200
−4
16
12
8
−16
250
SR=4000V/ms
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+5
RF = 1.1kΩ
RL = 25 Ω
TR/TF =1ns
25
75
125
175
225
THS6032
www.ti.com....................................................................................................................................................... SLOS233F – APRIL 1999 – REVISED AUGUST 2009
SLEW RATE
The slew rate performance of a current-feedback amplifier like the THS6032 is affected by many different factors.
Some of these factors are external to the device, such as amplifier configuration and PCB parasitics, and others
are internal to the device, such as available currents and node capacitance. Understanding some of these factors
should help the PCB designer arrive at a more optimum circuit with fewer problems.
Whether the THS6032 is used in an inverting amplifier configuration or a noninverting configuration can impact
the output slew rate. Slew rate performance in the inverting configuration is generally faster than the noninverting
configuration. This is because in the inverting configuration the input terminals of the amplifier are at a virtual
ground and do not significantly change voltage as the input changes. Consequently, the time to charge any
capacitance on these input nodes is less than for the noninverting configuration, where the input nodes actually
do change in voltage an amount equal to the size of the input step. In addition, any PCB parasitic capacitance on
the input nodes further degrades the slew rate, simply because there is more capacitance to charge. If the main
supply voltage VCC(H) to the amplifier is reduced, slew rate decreases because there is less current available
within the amplifier to charge the capacitance on the input nodes as well as other internal nodes. Also, as the
load resistance decreases, the slew rate typically decreases due to the increasing internal currents, which slow
down the transitions.
Internally, the THS6032 has other factors that impact the slew rate. The amplifier's behavior during the slew rate
transition varies slightly depending upon the rise time of the input. This is because of the way the input stage
handles faster and faster input edges. Slew rates (as measured at the amplifier output) of less than about 1200
V/
μs are processed by the input stage in a very linear fashion. Consequently, the output waveform smoothly
transitions between initial and final voltage levels. For slew rates greater than 1200 V/
μs, additional
slew-enhancing transistors present in the input stage (transistors Q5 and Q6 in Figure 44) begin to turn on to
support these faster signals. The result is an amplifier with extremely fast slew rate capabilities. The additional
aberrations present in the output waveform with these faster slewing input signals are due to the brief saturation
of the internal current mirrors. This phenomenon, which typically lasts less than 20 ns, is considered normal
operation and is not detrimental to the device in any way. If for any reason this type of response is not desired,
then increasing the feedback resistor or slowing down the input signal slew rate reduces the effect.
Figure 47.
Figure 48.
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com