Electronic Components Datasheet Search
  English  ▼

X  

THS6002 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS6002
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS6002 Datasheet HTML 4Page - Texas Instruments THS6002 Datasheet HTML 5Page - Texas Instruments THS6002 Datasheet HTML 6Page - Texas Instruments THS6002 Datasheet HTML 7Page - Texas Instruments THS6002 Datasheet HTML 8Page - Texas Instruments THS6002 Datasheet HTML 9Page - Texas Instruments THS6002 Datasheet HTML 10Page - Texas Instruments THS6002 Datasheet HTML 11Page - Texas Instruments THS6002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
−7
−6
−5
−4
−3
−2
−1
0
1
2
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+1
RL = 25 Ω
VO =0.2VRMS
RF =1.5kΩ
1M
10M
100M
100k
500M
RF =1kΩ
RF =1.3kΩ
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+1
RL = 25 Ω
VO =0.2VRMS
RF =1.5kΩ
1M
10M
100M
100k
500M
RF =1.3kΩ
RF =1kΩ
−1
0
1
2
3
4
5
6
7
8
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+2
RL = 25 Ω
VO =0.4VRMS
RF =1.1kΩ
1M
10M
100M
100k
500M
RF =1.3kΩ
RF =820 Ω
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+2
RL = 25 Ω
VO =0.4VRMS
RF =1.1kΩ
1M
10M
100M
100k
500M
RF =1.3kΩ
RF =820 Ω
13
14
15
16
17
18
19
20
21
22
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+10
RL=25 Ω
VO =0.2VRMS
1M
10M
100M
100k
500M
RF =1kΩ
RF =510 Ω
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+5
RL=25 Ω
VO =0.2VRMS
RF =1.5kΩ
1M
10M
100M
100k
500M
RF =820 Ω
RF =330 Ω
−6
−4
−2
0
2
4
6
8
VCC(H) = ± 15V
VCC(L) = GND
Gain=+2
RF =1.1kΩ
RL =25 Ω
VI =0.2VRMS
1M
10M
100M
100k
500M
Gain=+1
RF =1.3kΩ
f − Frequency − Hz
−18
−12
−6
0
6
12
18
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
1M
10M
100M
100k
500M
VO(PP) =4V
VO(PP) =2V
VO(PP) =1V
VO(PP) =0.5V
VO(PP) =0.25V
Gain=+1
RL =25 Ω
RF =1.3k Ω
−8
−6
−4
−2
0
2
4
6
8
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
RL = 100 Ω
VI =0.2VRMS
Gain=+2,RF =1.1kΩ
1M
10M
100M
100k
500M
Gain=+1,RF =1.3kΩ
THS6032
SLOS233F – APRIL 1999 – REVISED AUGUST 2009....................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
Figure 3.
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
CLASS-AB MODE OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
SMALL AND LARGE SIGNAL
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY RESPONSE
Figure 7.
Figure 8.
Figure 9.
8
Submit Documentation Feedback
Copyright © 1999–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com