Electronic Components Datasheet Search
  English  ▼

X  

CAP1296 Datasheet(PDF) 31 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 31 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 27Page - Microchip Technology CAP1296 Datasheet HTML 28Page - Microchip Technology CAP1296 Datasheet HTML 29Page - Microchip Technology CAP1296 Datasheet HTML 30Page - Microchip Technology CAP1296 Datasheet HTML 31Page - Microchip Technology CAP1296 Datasheet HTML 32Page - Microchip Technology CAP1296 Datasheet HTML 33Page - Microchip Technology CAP1296 Datasheet HTML 34Page - Microchip Technology CAP1296 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001569B-page 31
CAP1296
5.6
Configuration Registers
The Configuration registers control general global functionality that affects the entire device.
5.6.1
CONFIGURATION - 20H
Bit 7 - TIMEOUT - Enables the timeout and idle functionality of the SMBus protocol.
• ‘0’ (default) - The SMBus timeout and idle functionality are disabled. The SMBus interface will not time out if the
clock line is held low. Likewise, it will not reset if both the data and clock lines are held high for longer than 200us.
• ‘1’ - The SMBus timeout and idle functionality are enabled. The SMBus interface will reset if the clock line is held
low for longer than 30ms. Likewise, it will reset if both the data and clock lines are held high for longer than 200us.
Bit 5 - DIS_DIG_NOISE - Determines whether the digital noise threshold (see Section 5.20, "Sensor Input Noise Thresh-
old Register") is used by the device. Setting this bit disables the feature.
• ‘0’ - The digital noise threshold is used. If a delta count value exceeds the noise threshold but does not exceed the
touch threshold, the sample is discarded and not used for the automatic recalibration routine.
• ‘1’ (default) - The noise threshold is disabled. Any delta count that is less than the touch threshold is used for the
automatic recalibration routine.
Bit 4 - DIS_ANA_NOISE - Determines whether the analog noise filter is enabled. Setting this bit disables the feature.
TABLE 5-10:
BASE_SHIFT BIT DECODE
BASE_SHIFT[3:0]
Data Scaling Factor
32
1
0
00
0
0
1x
00
0
1
2x
00
1
0
4x
00
1
1
8x
01
0
0
16x
01
0
1
32x
01
1
0
64x
0
1
1
1
128x
1
0
0
0
256x
All others
256x
(default = 1111b)
TABLE 5-11:
CONFIGURATION REGISTERS
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
20h
R/W
Configuration
TIME
OUT
-
DIS_
DIG_
NOISE
DIS_
ANA_
NOISE
MAX_
DUR_EN
-
-
-
20h
44h
R/W
Configuration
2
-
BC_
OUT_
RECAL
BLK_
PWR_
CTRL
BC_
OUT_
INT
SHOW_
RF_
NOISE
DIS_
RF_
NOISE
ACAL
_FAIL
_INT
INT_
REL_
n
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com