Electronic Components Datasheet Search
  English  ▼

X  

CAP1296 Datasheet(PDF) 5 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 5 Page - Microchip Technology

  CAP1296 Datasheet HTML 1Page - Microchip Technology CAP1296 Datasheet HTML 2Page - Microchip Technology CAP1296 Datasheet HTML 3Page - Microchip Technology CAP1296 Datasheet HTML 4Page - Microchip Technology CAP1296 Datasheet HTML 5Page - Microchip Technology CAP1296 Datasheet HTML 6Page - Microchip Technology CAP1296 Datasheet HTML 7Page - Microchip Technology CAP1296 Datasheet HTML 8Page - Microchip Technology CAP1296 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001569B-page 5
CAP1296
FIGURE 1-3:
CAP1296 PIN DIAGRAM (10-PIN 3 X 3 MM DFN)
TABLE 1-1:
PIN DESCRIPTION FOR CAP1296
QFN Pin #
SOIC Pin #
Pin Name
Pin Function
Pin Type
Unused
Connection
12
CS1
Capacitive Touch Sensor Input 1
AIO
Connect to
Ground
2
3
ALERT#
ALERT# - Active low alert / interrupt out-
put for SMBus alert - requires pull-up
resistor (default)
OD
Connect to
Ground
34
SMDATA
SMDATA - Bi-directional, open-drain
SMBus or I2C data - requires pull-up
resistor
DIOD
n/a
45
SMCLK
SMCLK - SMBus or I2C clock input -
requires pull-up resistor
DI
n/a
5
7
VDD
Positive Power supply
Power
n/a
69
CS6
Capacitive Touch Sensor Input 6
AIO
Connect to
Ground
710
CS5
Capacitive Touch Sensor Input 5
AIO
Connect to
Ground
811
CS4
Capacitive Touch Sensor Input 4
AIO
Connect to
Ground
9
12
CS3 / SG
CS3 - Capacitive Touch Sensor Input 3
AIO
Connect to
Ground
12
SG - Signal guard output
AIO
Leave Open
10
13
CS2
Capacitive Touch Sensor Input 2
AIO
Connect to
Ground
Bottom
Pad
8GND
Ground
Power
n/a
CS3 / SG
CS2
1
2
3
4
5
CS4
CS1
ALERT#
SMDATA
VDD
SMCLK
CS5
CS6
GND
10
9
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com